PART |
Description |
Maker |
N-08-18-0-M-LC 0192520135 |
195.58mm (7.700) UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag 195.58mm (7.700") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
|
Molex Electronics Ltd.
|
N-11B/N-11B.204 |
CABLE ACCESSORIES CLAMP NYLON 6/6 NATURAL
|
Richco
|
N-14-120-9-C-LC SD-19252-001 0192520156 |
368.30mm (14.500") Natural Cable Tie 368.30mm (14.500) Natural Cable Tie
|
Molex Electronics Ltd.
|
0192520139 N-08-40-9-M-LC |
203.20mm (8.000) Natural Cable Tie, 40 Pound Tensile Strength, 1000/Bag 203.20mm (8.000") Natural Cable Tie, 40 Pound Tensile Strength, 1000/Bag
|
Molex Electronics Ltd.
|
10A02 10A01 10A07 10A03 10A04 10A05 10A06 |
10 Amp Rectifier 50 to 1000 Volts Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Thermoplastic; Jacket Color:Natural; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Natural; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Conductor Material:Copper; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
MA4EX950H-1225 MA4EX950H-1225T |
HMICTM硅双平衡混频器,700 - 1200兆赫 Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
|
MACOM[Tyco Electronics]
|
IRFSL3004PBF IRFS3004PBF IRFB3004PBF IRFS3004TRL I |
HEXFET Power MOSFET 195 A, 40 V, 0.00175 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 195 A, 40 V, 0.00175 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB High Efficiency Synchronous Rectification in SMPS
|
International Rectifier http://
|
TBA23-11EGWA |
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
|
Kingbright Corporation
|
TC23-11SRWA |
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
|
Kingbright Corporation
|
TC23-11GWA |
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
|
Kingbright Corporation
|
BYW98200 BYW98200RL BYW98 BYW98-200 BYW98-200RL |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material Belden Unshielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Color: Gray, Length: 1000 feet, Conductor Material: Bare Copper, Jacket: Natural Flamarrest
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
0151340300 |
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row,50.00mm Length, 3 Circuits, Natural
|
Molex Electronics Ltd.
|