PART |
Description |
Maker |
TISP61089B TISP61089BD TISP61089BD-S TISP61089BDR |
TISP61089B High Voltage Ringing SLIC Protector
|
ETC
|
2SC4710LS 0929 |
NPN Triple Diffused Planar Silicon Transistor 2100V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system 2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
2SC4634LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4636LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
SA5-0A-D |
The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients
|
Littelfuse
|
MSK600-15 MSK600B |
Ultra Low Quiescent Current - ±15mA for High Voltage WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
2SC3645 |
High-Voltage Switching Applications Adoption of FBET Process High Breakdown Voltage (VCEO = 160V)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
PS2703-1 PS2703-1-V PS2703-2 PS2703-2-V PS2703-4 P |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PS2703-1-V-A PS2703-1-A PS2703-1-V PS2703-1 |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
CEL[California Eastern Labs]
|
CMPTA42E CMPTA92E |
SMD Small Signal Transistor PNP High Voltage ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|