PART |
Description |
Maker |
1014-6A |
1000-1400 MHz, 28V, Class C, Common Base; fO (MHz): 1400; P(out) (W): 6; P(in) (W): 1.2; Gain (dB): 7; Vcc (V): 28; Cob (pF): 3.5; Case Style: 55LV-1 L BAND, Si, NPN, RF POWER TRANSISTOR 6 Watts - 28 Volts, Class C Microwave 1000 - 1400 MHz
|
Microsemi, Corp. Microsemi Corporation
|
MAAMSS0045 MAAMSS0045TR-3000 MAAMSS0045SMB |
1400 MHz - 2000 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER HIGH DYNAMIC RANGE LOW NOISE AMPLIFIER 1400 - 2000 MHZ
|
MACOM[Tyco Electronics]
|
4CR1750 4CK1750 4CK1950 2CK1900 4CL1450 |
1700 MHz - 1800 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1900 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1850 MHz - 1950 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1400 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
PANASONIC CORP
|
AM-3A-1015-BNC-1179 AM-2A-0515-BNC-1179 AM-2A-1020 |
1000 MHz - 1500 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 500 MHz - 1500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 1000 MHz - 2000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 100 MHz - 180 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
1214-300M |
L-Band 1200-1400 MHz, Class C, Common Base-Pulsed; P(out) (W): 300; P(in) (W): 40; Gain (dB): 8.75; Vcc (V): 40; Pulse Width (µsec): 150; Duty Cycle (%): 10; Case Style: 55ST-1 L BAND, Si, NPN, RF POWER TRANSISTOR 300 Watts - 40 Volts, 150ms, 10% Radar 1200 - 1400 MHz
|
Microsemi, Corp. Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
SBTC-2-15-75_75L SBTC-2-15-75 SBTC-2-15-75L SBTC-2 |
Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-075з 500 to 1500 MHz 500 MHz - 1500 MHz RF/MICROWAVE COMBINER, 1.5 dB INSERTION LOSS Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-075з 500 to 1500 MHz 表面贴装,微小型电源分配合路2路,0Σ75з500年至1500兆赫 Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-075з 500 to 1500 MHz 500 MHz - 1500 MHz RF/MICROWAVE SPLITTER AND COMBINER, 1.5 dB INSERTION LOSS Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-0° 75 500 to 1500 MHz Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-0∑ 75з 500 to 1500 MHz Surface Mount/ Micro-Miniature Power Splitter/Combiners 2 Way-0 75 500 to 1500 MHz
|
MINI[Mini-Circuits]
|
CRG-20B-1005 |
100 MHz - 1500 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX
|
MERRIMAC INDUSTRIES INC
|
SM1720-50 |
1700-2000 MHz 100 Watt Linear Power Amplifier
|
Stealth Microwave, Inc.
|
SM1720-50L |
1700-2000 MHz 100 Watt Linear Power Amplifier
|
Stealth Microwave, Inc.
|
SM2527-50 |
2500-2700 MHz 100 Watt Linear Power Amplifier
|
Stealth Microwave, Inc.
|
LC110 LC90A LC10 LC100 LC100A LC10A LC11 LC110A LC |
From old datasheet system 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MSPSMCGLCE17ATR JANMQSMCGLCE24ATR JANMQSMCJLCE24AT |
1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB 1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500瓦的低电容表面贴装瞬态电压抑制器
|
Microsemi, Corp.
|