PART |
Description |
Maker |
SD-34080-001 0340800002 |
MX150 Male Cable Seal Terminal
|
Molex Electronics Ltd.
|
0340800003 |
MX150 Male Cable Seal Terminal
|
Molex Electronics Ltd.
|
0330001001 33000-1001 |
MX150 Male Terminal, Tin (Sn) Plating, 14 AWG, Left Reel Payoff, Contact MaterialThickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
34080-0001 0340800001 |
MX150 Male Cable Seal Terminal, Tin (Sn) Plating, 14-16 AWG, Right Reel PayoffContact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
0340801003 34080-1003 |
MX150 Male Cable Seal Terminal, Tin (Sn) Plating, 22 AWG, Left Reel PayoffContact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
19023-0012 19025-0004 19022-0010 19022-0006 19023- |
.250X.032 MALE QD INSULKRIMP (MCT-2X) 2 mm2, TAB TERMINAL 190250004 0.8 mm2, TAB TERMINAL .250 X .032 MALE QD KRIMP/TAPE (AMCT-1T) 0.8 mm2, TAB TERMINAL .187 X .020 MALE QD KRIMPTITE (AMCT-17) 0.8 mm2, TAB TERMINAL .187X.020 MALE QD INSULKRIMP (MCT-27X) 2 mm2, TAB TERMINAL .250X.032 MALE QD AVIK. TAPED (CMCT-5T) 5 mm2, TAB TERMINAL .187X.020 MALE QD KRIMP.TAPED (MCT-17T) 2 mm2, TAB TERMINAL .250X.032 MALE QD AVIKRIMP (MCT-5)
|
Molex, Inc. MOLEX INC
|
0330123003 33001-2003 |
MX150 Female Terminal
|
Molex Electronics Ltd.
|
33482-0601 |
MX150 Sealed Male Connector
|
Molex Electronics Ltd.
|
SD-33482-161 |
3.50mm (.138) Pitch MX150 Sealed Male Connector
|
Molex Electronics Ltd.
|
0340814001 34081-4001 |
MX150?/a> Female Cable Seal Terminal, Silver (Ag) Plating, 14-16 AWG, Right ReelPayoff, Contact Material Thickness 0.30mm (.012) MX150 Female Cable Seal Terminal, Silver (Ag) Plating, 14-16 AWG, Right ReelPayoff, Contact Material Thickness 0.30mm (.012) MOLEX Connector
|
Molex Electronics Ltd.
|
0002092611 WM2297CT 02-09-2611 02-09-2612 42478-00 |
TERMINAL, PIN, .093/(2.36) DIA., CRIMP 093 Male Terminal Chain 14-18 BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
1480286003 |
MX150 Male Connector, Panel Mount, Dual Row, 6 Circuits, Polarization C, Dark Gray Housing, Silicone Gasket
|
Molex Electronics Ltd.
|
|