PART |
Description |
Maker |
LPS100-M09 LPS104-M LPS102-M LPS103-M LPS105-M LPS |
150 Watts Medical and ITE safeties AC-DC / 136W - 260W Medical
|
Emerson Network Power
|
GOT3157W-832-PCT |
IP65 front bezel
|
Axiomtek Co., Ltd.
|
QCI-A34H-1-6T QCI-A34H-1-B-6T QCI-A34HC-1-6T QCI-A |
NEMA 34 IP65 Motor/Encoder
|
List of Unclassifed Manufacturers ETC
|
PB72Y11D3DJCIP65 PB72F11D3DJCIP65 PB72F33D3DJCIP65 |
Illuminated Pushbutton Switches IP40/IP65/IP67
|
GREATECS
|
5-1877845-1 4-1877846-5 5-1877846-3 5-1877846-0 1- |
CPC-Medical Connector CPC Medical Connectors; Asy,Plg,5 P,0 D Key,Col 2.7-3.9,Blk,Grn ( Tyco Electronics )
|
Tyco Electronics
|
OMNI-3195HTTBT-A2-1010 OMNI-3195HTT-BT-A1-1010 OMN |
IP65 Compliant Front Bezel
|
AAEON Technology
|
67025-004 67025-101 67025 67025-001 67025-003 |
4N41-SEVEN SEGMENT HERMETICALLY SEALED DISPLAY 7 SEG NUMERIC DISPLAY, 6.46 mm CRYSTAL 14.31818MHZ SMD 7 SEG NUMERIC DISPLAY, 6.46 mm XTAL CER SMT 6X3.5 2PAD 7 SEG NUMERIC DISPLAY, 6.46 mm
|
http:// MICROPAC[Micropac Industries] Micropac Industries, Inc.
|
TC826CBU TC826 |
In many applications a graphical display is preferred over a digital display. Knowing a process or system operates, for example, within design limits is more valuable than a direct system variable readout. A bar or moving dot display suppl Analog-to-Digital Converter with Bar Graph Display Output(保持,非混杂LCD驱动40个数据段及零点功
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
RAD-SPL-2-N |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677)
|
PHOENIX CONTACT
|
LNM233AS02 LNM333AS02 LN533RAMRS LN533RAMRSLNM233A |
Numeric Display 3 Digit 8.0 mm (.3”) Series From old datasheet system Opto-Electronic Device - Visible Light Emitting Diodes - Numerical Display Devices 7 SEG NUMERIC DISPLAY, GREEN, 8 mm
|
Matsshita / Panasonic PANASONIC CORP
|
MSC-E112 |
AC-DC Medical
|
Arch Electronics Corp.
|
MSC-5S24S-E1 MSC-E1 MSC-5D-E1 MSC-3.3S-E1 MSC-9S-E |
AC-DC Medical
|
Arch Electronics Corp.
|