PART |
Description |
Maker |
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
MB90F351EPMC MB90351EPMC MB90351ES MB90F351ES MB90 |
16-bit Microcontrollers Industrial Transceivers; Package: PG-DSO-8; Transmission rate<sub>max</sub>: 1.0 Mbit/s; Bus Wake-up capability: No; Additional Features: RM, INH; Wake-up inputs: No; Standards: ISO11898-2 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP64 16-bit Proprietary Microcontrollers 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP64
|
Fujitsu Component Limit... Fujitsu Component Limited. http:// Fujitsu, Ltd.
|
MB89589B MB89585BW MB89585B MB89583BW MB89583B E71 |
F2MC-8L/Low Power/Low Voltage Microcontrollers Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product From old datasheet system 8-bit Proprietary Microcontrollers
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
OM5234 OM5284 OM5284EA01 OM5284EA02 OM5284EA03 OM5 |
CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
AM186EMLV-40VC/W AM186EMLV-20KC/W AM186EMLV-40KI/W |
Am188EM/EMLV Microcontrollers Data Sheet High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
http:// Advanced Micro Devices
|
AM188ER-33KCW AM188ER-50VIW AM188ER-25VIW AM188ER- |
CA-BAYONET 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 CAB 54C 54#16 SKT RECP 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 CA-BAYONET 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 12258941 ARMY TANK COMMAND 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100
|
Advanced Micro Devices, Inc.
|
LPC2101 LPC2101FBD48 LPC2102 LPC2102FBD48 LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
PHILIPS[Philips Semiconductors]
|
MC9S08AW60CFUE S9S08AW16 S9S08AW60 MC9S08AW60CPUE |
8-Bit HCS08 Central Processor Unit (CPU) Microcontrollers MC9S08AW60 Features Microcontrollers
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc Freescale Semiconductor...
|
LPC236410 LPC2365 LPC2367 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
LPC2368FBD100 LPC2366FB100 LPC2366FBD100 LPC2368FB |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
|