PART |
Description |
Maker |
MAX814 MAX814C MAX815 MAX815C MAX815CPA MAX815CSA |
-1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit. 【1% Accuracy, Low-Power, 3V and 5V レP Supervisory Circuits 1% Accuracy Low-Power 3V and 5V P Supervisory Circuits 1% Accuracy, Low-Power, 3V and 5V P Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V μP Supervisory Circuits ??% Accuracy, Low-Power, 3V and 5V ?? Supervisory Circuits -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
633A31 633A32 633A21 631A22 631A21 631A31 |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer Interface IC 接口IC Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package 接口IC
|
DB Lectro, Inc. TE Connectivity, Ltd.
|
NJU7094 NJU7095 NJU7096 NJU709XD NJU709XM NJU709XR |
LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
ADP3333ARM-3-REEL ADP3333ARM-3-REEL7 ADP3333ARM-1. |
3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 ULTRA SMALL, MSOP-8 High Accuracy Ultralow I<SUB>Q</SUB>, 300 mA, anyCAP® Low Dropout Regulator High Accuracy Ultralow IQ, 300 mA, anyCAP® Low Dropout Regulator
|
Analog Devices, Inc.
|
NCP3334DADJG NCP3334DADJR2G |
High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
|
ON Semiconductor
|
NCV8535MN150R2G NCV8535MNADJR2G NCV8535MN285R2G NC |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator with Enable
|
ON Semiconductor
|
ADP3307 ADP3307ART-27 ADP3307ART-3 ADP3307ART-32 A |
High Accuracy anyCAP⑩ 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
TC2015-2.85VCTTR TC2185-2.85VCTTR TC2014-3.0VCTTR |
The TC2014, TC2015, and TC2185 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators ... The TC2054, TC2055, and TC2186 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators. ...
|
Microchip
|
ADP3303A ADP3303AARU-REEL ADP3309 ADP3300 ADP3301 |
High Accuracy anyCAP⑩ Adjustable 200 mA Low Dropout Linear Regulator High Accuracy anyCAP Adjustable 200 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
|