PART |
Description |
Maker |
FCPH110175-10 |
SELECTABLE FREQUENCY SYNTHESIZER
|
SYNERGY MICROWAVE CORPO...
|
FCPL1215-25 |
Selectable frequency SYNTHESIZER
|
SYNERGY MICROWAVE CORPO...
|
HC53 |
Dual Frequency Selectable Oscillator
|
EUROQUARTZ limited
|
MAX3673 MAX3673ETN |
Low-Jitter Frequency Synthesizer with Selectable Input Reference
|
Maxim Integrated Products
|
MAX860C/D MAX860ESA MAX860MJA MAX860ISA MAX861MJA |
50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
Maxim Integrated Produc...
|
UPB1005GS UPB1005GS-E1 UPB1003GS UPB1004GS UPC2753 |
REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
|
NEC[NEC]
|
HA3-2444-5 HA9P2444-5 HA-2444 |
50MHz, Selectable, Four Channel Video Operational Amplifier 50MHz的,可选,四通道视频运算放大 50 MHz, Selectable, Four Channel Video Operational Amplifier 50MHz/ Selectable/ Four Channel Video Operational Amplifier
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX3170 MAX3170CAI MAXIM |
3.3V, Multiprotocol, 3 Tx/3 Rx, Software-Selectable Clock/Data Transceiver( 3.3V,澶??璁?3Tx/3Rx,杞?欢???绋?????版??跺??? 3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver 3.3V, Multiprotocol, 3 Tx/3 Rx, Software-Selectable Clock/Data Transceiver( 3.3V,多协3Tx/3Rx,软件可编程时数据收发 3.3V / Multiprotocol / 3 Tx/3 Rx / Software- Selectable Clock/Data Transceiver
|
MAXIM[Maxim Integrated Products] MAX3170 Maxim Integrated Products, Inc.
|
LT1991 LT1991HMS-PBF LT1991HMS-TRPBF LT1991IDD-PBF |
Precision, 100µA Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 250 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40° to 125°C OP-AMP, 160 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100μA Gain Selectable Amplifi er Precision, 100渭A Gain Selectable Amplifi er Precision, 100楼矛A Gain Selectable Amplifi er
|
Linear Technology, Corp. http://
|
ADT6401 ADT6402 |
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switch in SOT-23 (Open Drain Output) Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23 (Push-Pull Output)
|
Analog Devices
|
HA3-2406-5 HA-2406 FN2892 |
30MHz/ Digitally Selectable Four Channel Operational Amplifier 30MHz, Digitally Selectable Four Channel Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|