PART |
Description |
Maker |
LTC3675EUFFTRPBF LTC3675EUFFPBF |
7-Channel Confi gurable High Power PMIC
|
Linear Technology
|
HV7802 HV7802MG-G |
High Side Current Monitor 8V to 450V, Confi gurable Output
|
Supertex, Inc
|
LT1568 |
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter
|
Linear Dimensions Semiconductor
|
PI74SSTUA32864 PI74SSTUA32864NB PI74SSTUA32864NBE |
25-Bit 1:1 or 14-Bit 1:2 Confi gurable Registered Buff er
|
Pericom Semiconductor Corporation
|
LTC3546EFEPBF LTC3546IFEPBF LTC3546EUFDPBF LTC3546 |
Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO28
|
LINEAR TECHNOLOGY CORP
|
LTC6601CUF-2PBF LTC6601CUF-2 LTC6601CUF-2TRPBF LTC |
LTC6601-2 - Low Power, Low Distortion, Low Power, Low Distortion, 5MHz to 27MHz, Pin Con?gurable Filter/ADC Driver; Package: QFN; Number of Pins: 20; Temperature Range: 0°C to 70°C Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
LINEAR TECHNOLOGY CORP
|