PART |
Description |
Maker |
GSB317131HR |
USB 3.0 CONNECTOR STANDARD A, PLUG CABLE TYPE, OVERMOLD
|
Amphenol Corporation
|
177-007-9P1BG4-01 177-007-15P1BG4-01 177-007-21P1B |
Shorting Plug Assembly 177-007 51 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, PLUG 51 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, PLUG 69 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, PLUG 100 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, PLUG 100 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, PLUG 15 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, PLUG 67 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, PLUG 31 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, PLUG
|
Glenair, Inc. GLENAIR INC
|
10-00241 |
Cable, 1830 mm, USB A plug to 5.5x2.1x12 mm 50-00024 plug, center negative, 22 AWG, UL2468
|
Tensility International Corp.
|
PL330-TOOLARGE PL30-TOOLARGE PLPA330-TOOLARGE PL33 |
CABLE TERMINATED, MALE, TNC CONNECTOR, CRIMP, PLUG TWINAXIAL CONNECTOR, PLUG
|
TROMPETER ELECTRONICS INC
|
10-00243 |
Cable, 1830 mm, USB A plug to 5.5x2.1x12 mm 50-00024 right angle plug, center negative, 22 AWG, UL2468
|
Tensility International Corp.
|
2948-12-0 2484-0 2948-24-0 3014-24-0 3014-12-2 427 |
Connector Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:12"; Color:Black; Contact Material:Brass; Current Rating:15A RoHS Compliant: Yes INTERCONNECTION DEVICE Retractile Cable Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:4ft RoHS Compliant: Yes INTERCONNECTION DEVICE Connector assemblies, Test; Connector Type A:Banana Plug; Connector Type B:Banana; Cable Length:36"; Color:Black; Contact Material:Copper; Operating Temp. Max:55 C; Wire Size (AWG):12
|
Pomona Electronics
|
HSCJ-HSTJ-B40 HSCJ-HRFCJ-B40 HSCJ-HRFCJ-C40 HSC-A3 |
SIMPLEX SC CONNECTOR, PLUG 50/125 um, MULTI MODE, DUPLEX SC CONNECTOR, PLUG
|
|
35150-0614 35150-0610 |
1.80MM W/W PLUG 6CKT 351500614 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, PLUG 1.8MM SEC.LOCK REC HSNG 351500610 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
03-12-7014 03-12-2016 03-12-2071 |
125 Hcs 125 Power Plug Red Ears 1Ckt 1 CONTACT(S), FEMALE AND/OR MALE, POWER CONNECTOR, PLUG Connector Housing; No. of Contacts:1; Series:HCS-125; Body Material:Nylon 6/6; No. of Rows:1 RoHS Compliant: Yes 1 CONTACT(S), FEMALE AND/OR MALE, POWER CONNECTOR, PLUG
|
Molex, Inc. MOLEX INC
|
15-92-2080 15-92-2430 15-92-2050 |
CONN 80P VERT PLUG SCA 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 30CKT EBBI VERT PLUG A716611330 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 15922050 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Molex, Inc.
|
501645-1020 501645-3420 501645-1620 501645-2620 50 |
2.0 W/B Dual Grid Plug HsgAssy10CktBeige 10 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG 2.0 W/B Dual Grid Plug HsgAssy34CktBeige 34 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG 2.0 W/B Dual Grid Plug HsgAssy16CktBeige 16 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG 2.0 W/B Dual Grid Plug HsgAssy26CktBeige 26 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG 2.0 W/B Dual Grid Plug HsgAssy14CktBeige 14 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SOLDER, PLUG
|
Molex, Inc.
|
|