PART |
Description |
Maker |
BD13508 BD139 BD140 BD140-10 BD140-16 BD139-10 BD1 |
Complementary low voltage transistor Complementary low voltage transistor
|
STMicroelectronics
|
WSH520-XPD2 WSH520 WSH520-XPD1 |
低电压单线圈霍尔效应互补输出驱动器集成电 Low voltage Single Coil Hall Effect IC with Complementary Output Drivers
|
WINSON[Winson Semiconductor Corp.]
|
BSO612CV |
Low Voltage MOSFETs - SIPMOS, Complementary, 60V, SO-8, RDSon(N/P) = 0.12/0.30Ohm, Id(N) = 3.1A, Id(P) = -2.0A, NL SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
MAX555 MAX555CQK 1127 |
From old datasheet system 300Msps / 12-Bit DAC with Complementary Voltage Outputs 300Msps, 12-Bit DAC with Complementary Voltage Outputs PARALLEL, WORD INPUT LOADING, 0.015 us SETTLING TIME, 12-BIT DAC, PQCC68
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
NESG2101M16 NESG2101M16-T3 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR 邻舍npn型硅锗高频陈德良SIS的职权范
|
NEC, Corp. NEC[NEC]
|
MAX708TESA MAX706T MAX708TCSA MAX708SEPA MAX708SMJ |
3V Voltage Monitoring, Low-Cost, ?? Supervisory Circuits 3V Voltage Monitoring, Low-Cost, レP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 103SR Series Unipolar Hall-Effect Digital Position Sensor with 15/32 in cylindrical stainless steel housing; two hex nuts; 1 m [39.4 in] jacketed cable; current sinking output; and Vdc supply voltage 3V Voltage Monitoring / Low-Cost / P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, P Supervisory Circuits 3V VOLTAGE MONITORING, LOW-COST, ヌP SUPERVISORY CIRCUITS 3V Voltage Monitoring Low-Cost P Supervisory Circuits 3V Voltage Monitoring, Low-Cost, μP Supervisory Circuits
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
TX14-80R-6ST-MH1 TX14-120R-6ST-MH1 TX14-70R-6ST-MH |
Small signal NPN transistor RECEPTACLE 1.27MM 120 WAY Complementary silicon power transistors RECEPTACLE 1.27MM 30 WAY RECEPTACLE 1.27MM 40 WAY RECEPTACLE 1.27MM 50 WAY NPN Darlington power module PLUG R/A 1.27MM 40 WAY RECEPTACLE R/A 1.27MM 40 WAY PLUG 1.27MM 40 WAY Complementary power transistors RECEPTACLE R/A 1.27MM 50 WAY RECEPTACLE R/A 1.27MM 30 WAY 插座1.27MM 30未来 道路40插座1.27MM LOW VOLTAGE NPN POWER TRANSISTOR 插头1.27MM 100未来
|
Bourns, Inc.
|
CMPTA42E CMPTA92E |
SMD Small Signal Transistor PNP High Voltage ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
LA5000MSERIES 1543 LA5002M LA5009M LA5004M LA5006M |
Voltage Regulators: 9V low-saturation voltage regulator Voltage Regulators: 3V low-saturation voltage regulator Voltage Regulators: 10V low-saturation voltage regulator 2 V low-saturation voltage regulator 9 V low-saturation voltage regulator 2 TO 10V 60MA LOW SATURATION VOLTAGE REGULATORS From old datasheet system Monolithic Linear IC 2V 60mA Low Saturation Voltage Regulator(输出电压2V,输出电流为60mA低饱和电源稳压器) 6V 60mA Low Saturation Voltage Regulator(输出电压6V,输出电流为60mA低饱和电源稳压器)
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Sanyo Electric Co.,Ltd.
|
KI1563EDH |
Complementary 20-V (D-S) Low-Threshold MOSFET
|
Guangdong Kexin Industrial Co.,Ltd
|