PART |
Description |
Maker |
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|
LT1764AEFE LT1764AEFE-1.5 LT1764AEFE-1.8 LT1764AEF |
3A, Fast Transient Response, Low Noise,LDO Regulators
|
Linear Technology
|
LT1764AMPQTR LT1764AEQ-1.8TRPBF LT1764AEQ-1.5PBF L |
3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology
|
LT1963AMPQTR |
1.5A, Low Noise, Fast Transient Response LDO Regulators
|
Linear Technology
|
LT1963A-3.3 LT1963A-2.5 LT1963A-1.8 LT1963A-1.5 LT |
1.5A, Low Noise, Fast Transient Response LDO Regulators 1.5A/ Low Noise/ Fast Transient Response LDO Regulators
|
Linear Technology Corporation
|
LT1764AMPQ LT1764AEFE-2.5TR LT1764AEFE-2.5TRPBF LT |
3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor
|
AMS3109SOIC-8EDP CRCW060310K0FKEA |
Micropower 700mA Low Noise Fast Transient Response LDO
|
Advanced Monolithic Sys...
|
AAT3238 |
300mA MicroPower Fast Transient Low Noise LDO From old datasheet system
|
Analogic Tech
|
KB3511 KB3511A KB3511B |
High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
|
Kingbor Technology Co
|
MC33560 |
Single Output LDO, 400mA, Fixed(3.0V), Low Noise, Fast Transient Response 8-MSOP -40 to 85 电源管理和接口芯片的智能卡阅读器和耦合
|
ON Semiconductor
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
RT9178 |
SHDN/BP. Ultra Low-Noise. FTR 200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
|
RICHTEK
|
|