PART |
Description |
Maker |
EL1-P16 |
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
|
PHOENIX CONTACT
|
2SK3506 2SK350609 |
Relay Drive and DC-DC Converter Applications
|
Toshiba Semiconductor
|
FX5545G005ADJT2E2 FX5545G0054V5B5 FX5545G0054V5B5E |
APL8,RV2.2.1,1.15V,105C SLOW MODE 8BIT MCU 业界最小的超薄5W 1.5A直流/直流降压转换器的高输出功率密 Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density 业界最小的超薄5W 1.5A直流/直流降压转换器的高输出功率密 9S12C128 TSMC3 GENERAL Plug-In Relay; Contacts:4PDT; Coil Voltage AC Max:120V; Contact Carry Current:120A; Coil Resistance:8000ohm; Relay Terminals:Solder Lug; Relay Mounting:Plug-In; Contact Carrying Power:0.45W; Switch Function:4PDT Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
HI3026 HI3026EVAL HI3026JCQ |
RELAY OPTOMOS SP-NO 150MA 4-SOP 8-Bit 120 MSPS Flash A/D Converter 8-BIT, 120 MSPS, FLASH A/D CONVERTER A/D Converter, 8-Bit, 120MSPS, Input Bandwidth 150MHz, Flash
|
INTERSIL[Intersil Corporation]
|
GMB772 |
PNP Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
|
Guilin Strong Micro-Electronics Co., Ltd.
|
RIF-0-RPT-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
ES62UL256-45TC ES62UL256 ES62UL256-25SC ES62UL256- |
REED RELAY 32Kx8位超低功耗异步静态RAM Dry Reed Relay; Relay Terminals:Thru Hole 32Kx8位超低功耗异步静态RAM 32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
|
Electronic Theatre Controls, Inc. NanoAmp Solutions, Inc. ETC[ETC]
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
2SJ378 |
P CHANNEL MOS TYPE (HIGH CURRENT SWITCHING/ RELAY DRIVE/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) P CHANNEL MOS TYPE (HIGH CURRENT SWITCHING, RELAY DRIVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SK3441 |
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE (U-MOSII) RELAY DRYVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
|
Toshiba Corporation Toshiba Semiconductor
|
2SK4014 |
Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|