PART |
Description |
Maker |
ZXLD1366QEN8TC |
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
|
Diodes
|
ZXLD1366QEN8TC |
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
|
Diodes Incorporated
|
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
MAX814 MAX814C MAX815 MAX815C MAX815CPA MAX815CSA |
-1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit. 【1% Accuracy, Low-Power, 3V and 5V レP Supervisory Circuits 1% Accuracy Low-Power 3V and 5V P Supervisory Circuits 1% Accuracy, Low-Power, 3V and 5V P Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V μP Supervisory Circuits ??% Accuracy, Low-Power, 3V and 5V ?? Supervisory Circuits -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
AD5200 AD5210 AD5210AD5212AD5215SERIES AD5210SERIE |
2-Channel/ 256-Position Digital Potentiometer 12-Bit Successive Approximation High Accuracy A/D Converters 12-Bit Successive Approximation High Acquisition A/D Converter -18V; 12-bit successive approximation high accuracy A/D converter
|
Analog Devices, Inc. AD[Analog Devices]
|
ADR3412 ADR3420 ADR3425 ADR3430 ADR3433 ADR3440 AD |
Micro-Power, High-Accuracy 1.2V Voltage Reference Micro-Power, High-Accuracy 2.048V Voltage Reference Micro-Power, High-Accuracy 2.5V Voltage Reference Micro-Power, High-Accuracy 3.0V Voltage Reference Micro-Power, High-Accuracy 3.3V Voltage Reference Micro-Power, High-Accuracy 4.096V Voltage Reference Micro-Power, High-Accuracy 5.0V Voltage Reference
|
Analog Devices
|
MAX16008 MAX16008TP MAX16009TG |
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN Low-Voltage, High-Accuracy, Quad Window Monitor in Small TQFN Package
|
Maxim Integrated Products
|
2SA1290 |
60V/7A High-Speed Switching Applications 60V/7A高速开关应
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
LTC3556 LTC3556EUFD-PBF LTC3556EUFD-TRPBF LTC3556E |
High Efciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs; Package: QFN; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A BATTERY CHARGE CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PQCC28 High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
|
Linear Technology, Corp. http://
|
MPXA6115A MPXH6115A |
MPXA6115A High Temperature Accuracy Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Altimeter or Barometer Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
|
Motorola
|
ADP3330 ADP3330ART-25 ADP3330ART-275 ADP3330ART-28 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 3.6 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 High Accuracy Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAP® Low Dropout Regulator Analog Devices High Accuracy Ultralow I(Q), 200 mA, SOT-23, anyCAPLow Dropout Regulator High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP?/a> Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
|