PART |
Description |
Maker |
HH-1199-6C |
Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
|
JMK Inc.
|
LL-1138-10 LL-1138-15 |
Operating Voltage = 250/480 V~, 50 / 60 Hz Operating Voltage = 125/208 V~, 50 - 400 Hz
|
JMK Inc.
|
HH-0828-1.5 |
Operating Voltage = 115 / 250 V~ Operating Current = 1.5 Amp
|
JMK Inc.
|
FF-1503-18 |
Operating Voltage = 125 Vac Operating Current (Max) = 18 AMP A/C
|
JMK Inc.
|
ZC-1072-10 |
Operating voltage = 125 v~ Operating current (max) = 10 amperes
|
JMK Inc.
|
KK-0851-15 |
Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
|
JMK Inc.
|
1208 MM-1208-100 MM-1208-80 |
Operating Voltage= 250 / 480 VAC 3 PH Wye OperatingCurrentMax= 80, 100amp
|
JMK Inc. http://
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
3-101-015 3-101-014 3-101-012 1241.6833.1111000 12 |
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
|
Schurter Inc.
|
MM-0637A-60D |
Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
|
http://
|
MM-0637A-50D |
Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
|
http://
|