PART |
Description |
Maker |
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX130 MAX130ACPL MAX130ACQH MAX130AEPL MAX130AEQH |
3? Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Reference 3? Digit A/D Converters with Bandgap Refrence 3Digit A/D Converters with Bandgap Refrence LJT 55C 55#22D PIN PLUG 18-Bit Bus Interface Flip-Flops With 3-State Outputs 56-TVSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 3??Digit A/D Converters with Bandgap Refrence
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX1722 MAX1722EZK MAX1722EZK-T MAX1723 MAX1723EZK |
1.5uA IQ / Step-Up DC-DC Converters in Thin SOT23-5 " 1.5?A IQ, Step-Up DC-DC Converters in Thin SOT23-5" 1.5uA IQ Step-Up DC-DC Converters in Thin SOT23-5 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1 A SWITCHING REGULATOR, PDSO5 Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP 0 to 0 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5 1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
AD9748 DAC8B10- DAC08 DAC_8B_10-100NS AD9708 AD970 |
Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table Analog Devices: Data Converters: DAC 8-Bit 10 ns to 100 ns Converters Selection Table 8-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices, Inc. AD[Analog Devices]
|
FMS3810 FMS3810_3815 FMS3810KRC FMS3815KRC FMS3815 |
150MHz Triple Video 8-Bit D/A Converters 100MHz Triple Video 8-Bit D/A Converters From old datasheet system Triple Video D/A Converters 3 x 8 bit, 150 Ms/s Triple Video D/A Converters 3 x 8 bit/ 150 Ms/s
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
TEL154822 TEL154823 TEL152410 TEL152411 TEL152412 |
DC/DC Converters DC/DC Converters DC/DC Converters - TEL 15 Series, 15 Watt
|
TRACO Electronic AG
|
719-0401-01 719-0400-01 717-0501-01 |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN STECKER EINBAU XLR AUDIO SCHWARZ 4POLIG Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters STECKER EINBAU XLR音频POLIG
|
TE Connectivity, Ltd.
|
IRF7807APBF IRF7807PBF IRF7807TRPBF |
N Channel Application Specific MOSFETs HEXFET㈢ Chip-Set for DC-DC Converters HEXFET? Chip-Set for DC-DC Converters
|
International Rectifier
|
T7-2S1212N T7-2S1215N T7-2S1205N T7-2S2405N T7-2D1 |
DC/DC CONVERTERS DC/DC CONVERTERS 14-Pin DIP, Unregulated 2 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|