PART |
Description |
Maker |
TB0135A |
SAW IF Filter 374MHz
|
TAI-SAW TECHNOLOGY CO., LTD.
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
TA0495A |
SAW Filter 915MHz SMD 3.0隆驴3.0 mm SAW Filter 915MHz SMD 3.0×3.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0715A |
SAW Filter 490MHz (SMD 5.0隆驴5.0 mm) SAW Filter 490MHz (SMD 5.0×5.0 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0342A |
SAW Filter 713MHz SMD 5.0隆驴5.0 mm SAW Filter 713MHz SMD 5.0×5.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0729A |
SAW Filter 480MHz (SMD 5.0隆驴5.0 mm) SAW Filter 480MHz (SMD 5.0×5.0 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
SRF2012-900Y SRF2012-221Y SRF2012-371Y SRF2012-361 |
SMD LINE FILTER 2 FUNCTIONS, 50 V, 0.33 A, FERRITE CHIP SMD LINE FILTER 2 FUNCTIONS, 50 V, 0.31 A, FERRITE CHIP SRF2012 Series - Common Mode Chip Inductors
|
Bourns, Inc. Bourns Electronic Solutions
|
WT2220 WT2220ML220A WT2220ML140A WT2220ML180A |
FILTER EMI 2A 0.047UF 50V SMD-0805 SN100 TR-7-PL XO 25MHZ 50PPM 3.3V SMD-5032 TR-7-PL Multilayer Ceramic Transient Voltage Suppressor Standard Capacity 多层陶瓷瞬态电压抑制器标准容量
|
Littelfuse, Inc.
|
TA0395A |
SAW Filter 159.1625MHz SMD 7.0隆驴5.0 mm SAW Filter 159.1625MHz SMD 7.0×5.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD. TAI-SAW TECHNOLOGY CO., LTD...
|
TA0489A |
SAW Filter 403.5MHz SMD 3.8隆驴3.8 mm SAW Filter 403.5MHz SMD 3.8×3.8 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0657A |
SAW Filter 315MHz SMD 3.0隆驴3.0mm SAW Filter 315MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0566A |
SAW Filter 1330MHz SMD 3.0隆驴3.0mm SAW Filter 1330MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|