PART |
Description |
Maker |
MN101C487 MN101C485 |
From old datasheet system Timer counter 2 : 8-bit X 1 (square-wave/8-bit PWM output, event count, synchronous output event) (MN101C485 / MN101C487) Timer counter 2 : 8-bit X 1
|
http:// Panasonic Semiconductor
|
LTC4265IDE-PBF LTC4265CDE-PBF LTC4265CDE-TRPBF LTC |
LTC4265 - IEEE 802.3 at High Power PD Interface Controller with 2-Event Classification Recognition; Package: DFN; Number of Pins: 12; Temperature Range: 0°C to 70°C IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
|
LINEAR TECHNOLOGY CORP
|
OPB871N51TX OPB871N51TV OPB872N51TV |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 150mil, TUBE 256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 208mil, TUBE Photo Gap Detector
|
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
ICM7249IPM ICM7249 FN3170 |
51/2 Digit LCD, Micro-Power Event/Hour Meter From old datasheet system 51/2 Digit LCD Micro-Power Event/Hour Meter
|
INTERSIL[Intersil Corporation]
|
195-5360-75 195-2710-00-SE102 195-5360-74 A-2510-3 |
PAPER ROLL SE102 CHART RECORDER 2 CHANNEL AC PAPER ROLL SE122 CHART RECORDER 2 CHANNEL DC 纸卷SE102 PEN BLUE PK 3 笔蓝激 PEN RED PK 3 笔红激
|
Molex, Inc.
|
ER900 |
Cardiac Event
|
ETC
|
HSN2000F |
Nuclear Event Detector
|
Maxwell Technologies
|
HSN3000F HSN3000L |
Nuclear Event Detector
|
Maxwell Technologies
|
HSN500 HSN500L HSN500F |
Nuclear Event Detector
|
Maxwell Technologies
|
ISL1221IUZ-T ISL1221IUZ ISL1221 |
Real Time Clock/Calendar with Event Detection and Frequency Output
|
Intersil Corporation
|