PART |
Description |
Maker |
D3899946 D3899940 D3899942 D3899944 D3899947 MS276 |
Military Standard Connector Index
|
Glenair, Inc.
|
MS17343 MS17344 MS17345 MS17346 MS17347 MS17348 MS |
Military Standard Connector Index
|
Glenair, Inc.
|
MS27474 MS27480 MS27481 MS27482 MS27483 MS27484P M |
Military Standard Connector Index Military Standard Connector Index
|
Glenair, Inc.
|
43M02110N-M03203S 44M30-02-1-12N-F |
1 Diameter, 1 Amp, Standard Military SR04
|
Grayhill, Inc
|
C110SA-25.000M C210SA-25.000M C310SA-25.000M C110S |
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
|
List of Unclassifed Man... http:// List of Unclassifed Manufacturers ETC
|
ATV750B ATV750BL |
750 gate high-speed CPLD, standard power, 24 and 28 pins, 5V. Offered in military temp. grade only. 750 gate high-speed CPLD, low power, 24 and 28 pins, 5V. Offered in military temp. grade only.
|
Atmel
|
DF9-15S-1V32 DF9-31S-1V32 DF9B-31S-1V32 |
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1) 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Hirose Electric
|
ATV2500B ATV2500BL ATV2500BQ ATV2500BQL |
2500 gate high-speed CPLD, standard power, 40 and 44 pins offered in Military Temp Grade only, 5V. 2500 gate high-speed CPLD, low power, 40 and 44 pins offered in Military Temp Grade only, 5V. 2500 gate high-speed CPLD, quarter power, 40 and 44 pins offered in Military Temp Grade only, 5V. 2500 gate high-speed CPLD, quarter and low power, 40 and 44 pins offered in Military Temp Grade only, 5V.
|
Atmel
|
DF1B-2DES2.5DS DF1B-16DES2.5DS DF1B-18DES2.5DS DF1 |
16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP AND IDC, SOCKET ROHS COMPLIANT 2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
|
HIROSE ELECTRIC Co., Ltd. http://
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
HDSP-2133 HDSP-2131 HDSP-2132 HDSP-2179 |
HDSP-2133 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2132 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2131 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps HDSP-2179 · Eight Char 5.0 mm (0.2 inch) Glass/Ceramic Smart 5 x 7 Alphanumeric Displays for Military Apps Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5 X 7 Alphanumeric Displays for Military Applications
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|