PART |
Description |
Maker |
M5004_0611 M5004 M500410R1DK M500410R1DK-R M500410 |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPVCXO
|
MTRONPTI[MTRONPTI]
|
M5001_0611 M5001 M500116RDK M500116RDK-R M500116RL |
9x16 mm FR-4, 3.3 Volt, CMOS/TTL/PECL/LVDS, HPXO
|
http:// MTRONPTI[MTRONPTI]
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|
RC86L60-3 RC86L60-2 RC86L60-1 |
CMOS, 3.3 Volt / 5 Volt Voice Synthesizer Chipset
|
List of Unclassifed Manufacturers
|
S29CD-J S29CL032J S29CD016J S29CD016J0JFAI000 S29C |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
|
SPANSION[SPANSION]
|
IDT72V3611 72V3611_DS_7054 IDT72V3611L20PQF IDT72V |
3.3 VOLT CMOS SyncFIFO 64 x 36 From old datasheet system 3.3 VOLT CMOS SyncFIFO?
|
IDT[Integrated Device Technology]
|
AM29F016B-70EEB AM29F016B-70EIB AM29F016B-120DGI1 |
16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only/ Sector Erase Flash Memory-Die Revision 1 16 megabit CMOS 5.0 volt-only uniform flash memory
|
Advanced Micro Devices
|
AM29DL800BB120FI AM29DL800BB90SEB AM29DL800BT90SEB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 1M X 8 FLASH 3V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc. http://
|
AM29LV641GH35EI AM29LV641GL35EI AM29LV641GH55EI AM |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 64兆位个M x 16位)的CMOS 3.0伏特,只有统一闪存部门与VersatileI /输出⑩控 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 4M X 16 FLASH 3V PROM, 70 ns, PBGA63 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
|
Advanced Micro Devices, Inc.
|
A29040AL-55 A29040AL-70 A29400UV-70 A2918EWH A2918 |
512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory Dual full-bridge PWM motor driver
|
AMIC Technology Allegro MicroSystems
|