PART |
Description |
Maker |
DBCIDCC5A10AGB1 DBCIDCC5A30AGB1 DBCIDCC5A16AGB1 DB |
IDC SHROUDED LATCHED HEADER 2.00mm
|
Dubilier
|
DBCIDCC6A10AGA1 DBCIDCC6A10AGB1 DBCIDCC6A10ASA1 DB |
IDC SHROUDED LATCHED HEADER RIGHT ANGLED 2.0mm
|
Dubilier
|
DBCIDCC43A10BG1 DBCIDCC43A10BS1 DBCIDCC43A14BG1 DB |
IDC SHROUDED LATCHED HEADER RIGHT ANGLED 1.27mm IDC SHROUDED LATCHED HEADER RIGHT ANGLED 1.27mm
|
Dubilier
|
A16A |
SHROUDED HEADER IDC TYPE
|
DB Lectro
|
STMM-120-02-S-D-SM-LC |
SHROUDED IDC HEADER & STACKER
|
Samtec, Inc
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
GB12864DHGAAMLA-V01 GB12864DHGAAMLB-V01 GB12864DHG |
INDUCTOR,SMD(0805),6.8 NH, 600 IDC,0.11 OHMS INDUCTOR,SMD(0805),82 NH, 400 IDC,0.42 OHMS SPECIFICATIONS FOR LCD MONDULE INDUCTOR,SMD(1210),15 UH, 130 IDC,3.2 OHMS INDUCTOR,SMD(1210),150 UH, 65 IDC,15 OHMS INDUCTOR,SMD(1210),1.5 UH, 370 IDC,0.85 OHMS INDUCTOR,SMD(1210),1.8 UH, 350 IDC,0.9 OHMS INDUCTOR,SMD(1210),33 UH, 70 IDC,5.6 OHMS INDUCTOR,SMD(1210),39 UH, 65 IDC,6.4 OHMS INDUCTOR ,SMD,(1812),3.3 UH, 355 IDC,0.80 OHMS INDUCTOR,SMD(1210),27 UH, 80 IDC,5 OHMS INDUCTOR,SMD1812,390UH, 80 IDC,18 OHMS POT,LINEAR TAPER,5W,100 ohm WIREWOUND,20%,shft.235"Dx.67"L INDUCTOR,SMD(0805),56 NH, 500 IDC,0.34 OHMS INDUCTOR,SMD(0805),68 NH, 500 IDC,0.38 OHMS INDUCTOR,SMD(0805),8.2 NH, 600 IDC,0.12 OHMS INDUCTOR ,SMD,(1812),10 UH, 250 IDC,1.6 OHMS INDUCTOR ,SMD,(1812),6.8 UH, 285 IDC,1.2 OHMS INDUCTOR ,SMD,(1812),15 UH, 200 IDC,2.5 OHMS INDUCTOR,SMD(1210),56 UH, 55 IDC,8 OHMS INDUCTOR,SMD(1210),5.6 UH, 200 IDC,1.8 OHMS INDUCTOR ,SMD,(1812),27 UH, 170 IDC,3.6 OHMS INDUCTOR ,SMD,(1812),33 UH, 160 IDC,4.0 OHMS INDUCTOR,TOROID,HORIZONTAL, 22.0 uH,7.0 IDC,0.015 OHM, INDUCTOR,SMD(1210),68 UH, 50 IDC,9 OHMS INDUCTOR ,SMD,(1812),0.27 UH, 635 IDS, 0.26 OHMS INDUCTOR,SMD(1210),47 UH, 60 IDC,7 OHMS INDUCTOR ,SMD,(1812),0.47UH, 545 IDC, 0.12 OHMS INDUCTOR ,SMD,(1812),39 UH, 150 IDC,4.5 OHMS INDUCTOR ,SMD,(1812),0.22 UH, 665 IDC, 0.25 OHMS INDUCTOR ,SMD,(1812),18 UH, 190 IDC,2.8 OHMS INDUCTOR,SMD1210,1UH, 400 IDC,0.44 OHMS INDUCTOR,SMD(1210),220 UH, 50 IDC,21 OHMS INDUCTOR ,SMD,(1812),150 UH, 105 IDC,9.0 OHMS INDUCTOR,SMD1008,47NH, 1000 IDC,0.16 OHMS INDUCTOR ,SMD,(1812),12 UH, 225 IDC,2.0 OHMS INDUCTOR ,SMD,(1812),120 UH, 110 IDC,8.0 OHMS INDUCTOR ,SMD,(1812),180 UH, 102 IDC,9.5 OHMS INDUCTOR ,SMD,(1812),5.6 UH, 300 IDC, 1.1 OHMS INDUCTOR ,SMD,(1812),4.7 UH, 315 IDC,1.0 OHMS INDUCTOR ,SMD,(1812),680 UH, 50 IDC,0.30 OHMS INDUCTOR ,SMD,(1812),0.56UH, 520 IDC,0.36 OHMS CAP,RADIAL,0.47uf 100V,105C 5mm x 11mm INCREMENTS of 10 规格液晶模块 INDUCTOR ,SMD,(1812),1.8 UH, 390 IDC,0.65 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),100 UH, 110 IDC,8.0 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),560 UH, 50 IDC,0.30 OHMS 规格液晶模块 MOTOR,DC,1.5-4.5V,4780RPM,0.4A 10.3G-CM,0.5W,SHFT 02X8mm 规格液晶模块 SWITCH,PB,MINI,SPDT,ON-(ON) RT ANGLE SOLDER,125VAC/5A 规格液晶模块 INDUCTOR,SMD(1210),3.9 UH, 250 IDC,1.3 OHMS 规格液晶模块 INDUCTOR,SMD(1008),0.18 UH, 620 IDC,0.77 OHMS 液晶模块规格 SIREN,PIEZO,2500/3500Hz,100dB, 5-15VDC,40mA,WIRES,BLACK 规格液晶模块 INDUCTOR,SMD,(1812) 0.18 UH, 700 IDC,0.24 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),270 UH, 92 IDC, 12 OHMS 规格液晶模块 SPECIFICATIONS FOR LCD MODULE 规格液晶模块
|
Jewel Hill Electronic Co., Ltd.
|
SM2E470KC SM2E470KT SM2E470KR SM2E221KC SM2D330MC |
ALUMINIUM ELECTROLYTIC CAPACITOR CABLE,RIBBON,10 CONDUCTOR, RAINBOW,28AWG,100 FEET,FLAT LAMP,#28MB,INCANDESCENT T-2,28.00V,.040A,1600MSCP SOCKET,IC,28PIN,.600",TIN, DUAL,SOLDER,LP (10) LAMP,#28PSB,INCANDESCENT T-2,28.00V,.040A,1600MSCP INDUCTOR,TOROID,HORIZONTAL, 47.0 uH,6.7 IDC,0.024 OHM, INDUCTOR,TOROID,VERTICAL, 22.0 uH,7.0 IDC,0.015 OHM, INDUCTOR,TOROID,VERTICAL, 560.0 uH,3.6 IDC,0.14 OHM, COMPONENT VIDEO RCA CABLE 6', RCA MALES TO RCA MALES,IVORY INDUCTOR,TOROID,VERTICAL, 12.0 uH,12.0 IDC,0.008 OHM, INDUCTOR,TOROID,HORIZONTAL, 12.0 uH,19.1 IDC,0.005 OHM, CONN,HEADER,22-28-6122-VP, 12 CIRCUIT,.100",R/A,GOLD S-VIDEO 12'CABLE,2XGOLD PLATED MALE S-VIDEO PLUGS MOTOR,DC,13.5V/13A,18000RPM, 510GM-CM,0.12"SHFT DIA 铝电解电容器 LAMP,#24ESB,INCANDESCENT T-2,24.00V,.040A,850MSCP 铝电解电容器 HEADER,LP SHROUD,4-PIN R ,ANGLE KEYED 铝电解电容器 PWR CORD,UK/IRL,8',1.0mm,FUSED 3-PRONG R/A,HO5VV-F,,ASTA/CE 铝电解电容器 INDUCTOR,TOROID,HORIZONTAL, 470.0 uH,3.8 IDC,0.13 OHM, 铝电解电容器 CABLE,ROUND ATA-133/IDE,24", 40PIN,BLACK 铝电解电容器 INDUCTOR,TORID,VERTICAL, 470.0 uH,3.8 IDC,0.13 OHM, 铝电解电容器 INDUCTOR,TOROID,HORIZONTAL, 10.0 uH,20.0 IDC,0.005 OHM, 铝电解电容器
|
DB Lectro Inc. DB Lectro, Inc. Bourns, Inc.
|
FCP-XX-SG |
IDC BOX HEADER
|
Adam Technologies, Inc.
|
FDC40-24S12 FDC40-12S05 FDC40-24D12 FDC40-12D15 FD |
CONN,HEADER,GPFA202-0255A07, 2mm,4 CKT,2 ROW,VERTICAL,15u"A CONN,HEADER,GPFA202-0355A07, 2mm,6 CKT,2 ROW,VERTICAL,15u"A PLCC,SMT SOCKET,68-PIN 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0655A07, 2mm,12 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 Isolated and Regulated 40 WATT Modular DC/DC Converters 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0855A07, 2mm,16 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,IDC,PLUG,50 CONTACTS, 1A,SHROUDED W/O EARS 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-2555A07, 2mm,50 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 SOCKET,PLCC,44PIN,SMD 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0755A07, 2mm,14 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0555A07, 2mm,10 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块DC / DC转换 CONN,HEADER,GPFA202-2055A07, 2mm,40 CKT,2 ROW,VERTICAL,15u" 隔离及规40瓦的模块式DC / DC转换
|
Astrodyne, Inc.
|
DBCIDCC540AG1 DBCIDCC544AG1 DBCIDCC514AG1 DBCIDCC5 |
IDC BOX HEADER STRAIGHT
|
Dubilier
|
DBCIDCC3B24AG1 DBCIDCC3B24AS1 DBCIDCC3B26AG1 DBCID |
IDC BOX HEADER SMT 2.54mm
|
Dubilier
|
|