PART |
Description |
Maker |
ZNDC-13-2G |
TV 39C 37#20 2#16 SKT WALL REC 800 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX Directional Coupler 50з 13dB 800 to 2000 MHz Directional Coupler 50 13dB 800 to 2000 MHz
|
MINI[Mini-Circuits]
|
ZFDC-20-5-N ZFDC-20-5-S ZFDC-20-5 |
Directional Coupler 0.1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX
|
MINI[Mini-Circuits]
|
ZFDC-10-5 |
Directional Coupler 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX
|
Mini-Circuits
|
LRDC-10-2-75 |
Directional Coupler 75楼? 30 to 1000 MHz Directional Coupler 75惟 30 to 1000 MHz Directional Coupler 75Ω 30 to 1000 MHz
|
Mini-Circuits
|
ADC-15-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50惟 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
ADC-20-12 |
Directional Coupler 50楼? 100 to 1200 MHz Directional Coupler 50惟 100 to 1200 MHz Directional Coupler 50Ω 100 to 1200 MHz
|
Mini-Circuits
|
DC08-73 |
Directional Coupler 0.81-0.96 GHz Directional Coupler 0.81?.96 GHz Directional Coupler 0.81-0.96 GHz 定向耦合.81-0.96千兆
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
BDCA1-10-40 |
Surface Mount Bi-Directional Coupler High Power, 50з 1600 to 4000 MHz 1600 MHz - 4000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1.4 dB INSERTION LOSS-MAX Surface Mount Bi-Directional Coupler High Power, 50 1600 to 4000 MHz Surface Mount Bi-Directional Coupler High Power/ 50 1600 to 4000 MHz
|
MINI[Mini-Circuits]
|
ADC-10-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits
|
LRDC-12-1-75J |
Directional Coupler 75楼? 5 to 600 MHz Directional Coupler 75Ω 5 to 600 MHz
|
Mini-Circuits http://
|
JDC-10-4-75 |
Directional Coupler 75楼? 10 to 1000 MHz Directional Coupler 75Ω 10 to 1000 MHz
|
Mini-Circuits http://
|