PART |
Description |
Maker |
CS4201 |
CrystalClear Audio Codec 97 with headphone Amplifier
|
Cirrus Logic, Inc.
|
CS4218 CS4218-KL CS4218-KQ 4218 |
CrystalClear- 16-Bit Stereo Audio Codec From old datasheet system
|
CIRRUS[Cirrus Logic]
|
CS4299-BQZ |
CrystalClear SoundFusion Audio Codec 97 SPECIALTY CONSUMER CIRCUIT, PQFP48
|
Cirrus Logic, Inc.
|
CS4624 |
CrystalClear SoundFusion PCI Audio Accelerator(CrystalClear SoundFusion技PCI音频加速器)
|
Cirrus Logic, Inc.
|
AK4543 AK4543VQ |
AC?7 Rev 2.1 Multimedia Audio CODEC AC97 Rev 2.1 Multimedia Audio CODEC AC\u0026#39;97音效.1多媒体音频编解码 AC7 Rev 2.1 Multimedia Audio CODEC
|
http:// Asahi Kasei Microsystems Co., Ltd. Asahi Kasei Microsystems Co.,Ltd
|
CS4237B-KQ |
CrystalClear Advanced Audio System with 3D Sound
|
http://
|
CS4281 CS4281-CQ CS4281-CM |
CrystalClear PCI Audio interface SPECIALTY CONSUMER CIRCUIT, PQFP100
|
Cirrus Logic, Inc.
|
AD74122 |
Low Cost, Low Power Mono Audio Codec 2.5 V, 24-Bit Sigma-Delta Stereo Codec AD74122: Low Cost. Low Power Stereo Audio Codec Preliminary Data Sheet (Rev. PrG. 1/03)
|
Analog Devices, Inc.
|
SLD323V-3 SLD323V SLD323V-1 SLD323V-2 SLD323V-21 S |
Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:24-TSSOP; IC Generic Number:4270; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C 1W的高功率密度激光二极管 Stereo CODEC IC; IC Function:Stereo CODEC IC; Package/Case:28-TSSOP; Leaded Process Compatible:No; Operating Temp. Max:-40 C; Operating Temp. Min:85 C; Peak Reflow Compatible (260 C):No; Supply Voltage:3.1V RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:24-TSSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 24BIT CODEC AUDIO, 4271, TSSOP28; Resolution, Bits:24bit; Sample Rate:192kHz; DACs, No. of:2; Interface Type:Serial; Output Type:Differential; Voltage, Supply Min:2.37V; Voltage, Supply Max:5.25V; Termination Type:SMD; A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No High Power Density 1W Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
CS4235 CS4235-JQ CS4235-KQ 4235 |
From old datasheet system CrystalClear Low Cost ISA Audio System
|
CIRRUS[Cirrus Logic]
|
STAC9250X3TAEYY STAC9250X5TAEYY STAC9250D5TAEYY ST |
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES PCM CODEC, PQFP48
|
Integrated Device Technology, Inc.
|