PART |
Description |
Maker |
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3493-3 LT3493EDCB-3 |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
LINEAR TECHNOLOGY CORP
|
BD9738KN |
SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC48 7-Channel Switching Regulator Controller for Digital Camera
|
ROHM[Rohm]
|
LT1424CN8-9PBF LT1424-9-15 |
Isolated Flyback Switching Regulator with 9V Output 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp.
|
MC33362DWG MC33362DWR2 MC33362DWR2G MC3336206 MC33 |
High Voltage Switching Regulator 2 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
ONSEMI[ON Semiconductor]
|
LM2575T-15G LM2575D2T-5 LM2575T-12 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5
|
ON Semiconductor Motorola Mobility Holdings, Inc.
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
BA9743AFV A5801070 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
RS5RM RS5RM3329A-T1 RS5RM5045B-T2 RS5RM4036B-T2 RS |
CAPACITOR PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
MAX638 MAX638ACPA MAX638ACSA MAX638AEPA MAX638AESA |
Isolated Flyback Switching Regulator with 9V Output 0.525 A SWITCHING REGULATOR, 65 kHz SWITCHING FREQ-MAX, PDIP8 Circular Connector; Body Material:Aluminum Alloy; Series:KPT02; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin From old datasheet system 5V/Adjustable CMOS Step-down Switching Regulator
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LM2575-12 LM2575-12BN LM2575-12BT LM2575-12BU LM25 |
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator(固定频率52kHz 输出电流 1A 可调转换电压步降稳压 52kHz简A降压稳压器(固定频率52kHz输出电流1A条可调转换电压步降稳压器 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP16 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 14-PDIP 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO24 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, SFM5 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 8-PDIP 52kHz Simple 1A Buck Regulator(固定频率B>52kHz 输出电流 1A 可调转换电压步降稳压
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|