PART |
Description |
Maker |
MBRB20200CT MBRB20200CT_D ON0434 MBRB20200CTT4 |
10 A, 200 V, SILICON, RECTIFIER DIODE CAP 0.01UF 50V 10% X7R SMD-0805 T&R-7IN-PA NI-SN CAP 0.01UF 50V 10% X7R SMD-0805 T&R-7IN-PA NI-SN SWIRCHMODE⑩ Power Dual Schottky Rectifier From old datasheet system 20 AMPERES 200 VOLTS SWIRCHMODE Power Dual Schottky Rectifier SWIRCHMODE?/a> Power Dual Schottky Rectifier
|
MOTOROLA INC Motorola, Inc. MOTOROLA[Motorola, Inc] ON Semi
|
SS22-L SS220-L SS25-L SS24-L SS26-L SS28-L-TP SS21 |
2 Amp Schottky Rectifier 20 to 200 Volts 2 A, 80 V, SILICON, RECTIFIER DIODE, DO-214AC 2 Amp Schottky Rectifier 20 to 200 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
MBR2040 MBR2050 MBR20100 MBR20200 MBR20150 MBR2060 |
20 Amp Schottky Barrier Rectifier 20 to 200 Volts 20 A, 40 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Micro Commercial Components
|
APT15S20K APT15S20KG |
HIGH VOLTAGE SCHOTTKY DIODE Schottky Discrete RECTIFIER; Package: TO-220 [K]; VR (V): 200; IO (A): 25; VF (V): 0.8; trr (nsec): 20; Qrr (nC): 440;
|
Microsemi Corporation MICROSEMI POWER PRODUCTS GROUP
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
VSKCS201 VSKCS201_045P VSKCS201/045P |
Schottky Rectifier, 200 A
|
Vishay Siliconix
|
VSKDS403 VSKDS403_100P VSKDS403/100P |
Schottky Rectifier, 200 A
|
Vishay Siliconix
|
MBR1660CT MBR16100CT MBR1645CT MBR16150CT |
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A Schottky Barrier Rectifier
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electronics C... Rugao Dachang Electroni...
|
SRF5100 SRF580 SRF5150 SRF550 SRF5200 |
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes SCHOTTKY BARRIER RECTIFIER Reverse Votage - 20 to 200 Volts Forward Current - 5.0Amperes SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
|
Gaomi Xinghe Electronics Co., Ltd. Gaomi Xinghe Electronic...
|
SK3200 SK3200-TP |
3 Amp Schottky Rectifier 200 Volts
|
Micro Commercial Components
|
SK3200B-L |
3 Amp Schottky Rectifier 200 Volts
|
Micro Commercial Components
|
SHD126146 SHD126146N SHD126146D SHD126146P |
SCHOTTKY RECTIFIER 200∑C Operating Temperature
|
Sensitron
|