PART |
Description |
Maker |
0441670001 SD-44167-001 |
Flat Blade Appliance Dryer Motor Crimp Housing, 10 Circuit, With Tool Removable Latch MOLEX Connector
|
Molex Electronics Ltd.
|
44262-6310 |
5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn), All Over Nickel (Ni), 10-12 AWG, Blade Length 10.03mm (.395)
|
Molex Electronics Ltd.
|
44262-6410 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395)
|
Molex Electronics Ltd.
|
44262-6411 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 11.56mm (.455") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 11.56mm (.455)
|
Molex Electronics Ltd.
|
44262-6412 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 13.08mm (.515") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 13.08mm (.515)
|
Molex Electronics Ltd.
|
0740266110 0740266110-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 7.50mm Blade 1, 7.50mm Blade 2
|
Molex Electronics Ltd.
|
0424000004 42400-0004 |
Flat Blade Appliance Defrost Timer Connector, 4 Circuit
|
Molex Electronics Ltd.
|
74026-8343 0740268343 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle,8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 10.50mm (.413) Blade
|
Molex Electronics Ltd.
|
DG3000DB-T1 DG3000DB-T1-E1 DG300008 |
Low-Voltage Single SPDT MICRO FOOT?Analog Switch Low-Voltage Single SPDT MICRO FOOT庐Analog Switch Low-Voltage Single SPDT MICRO FOOT㈢Analog Switch
|
Vishay Siliconix
|
0740268114 74026-8114 |
2.00mm (.079") Pitch VHDM庐 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade 2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade
|
Molex Electronics Ltd.
|
0740268141 74026-8141 |
2.00mm (.079) Pitch VHDM庐 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade 2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade
|
Molex Electronics Ltd.
|
|