PART |
Description |
Maker |
E05-XXX E05-10M E05-10M1 E05-10P3 E05-10T E05-11M |
5 Watt Wide Input DC to DC Converters 5瓦特宽输入直流直流转换器 5 WATT WIDE INPUT DC TO DC CONVERTERS 5瓦宽输入直流直流变换 120VAC ADAPT-LGT BASE
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Unknow
|
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
S7AH-07C S7AH-07C090 |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A 非隔离式DC / DC转换.3V输入/0.9V - 2.5V输出/ 7A NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A 1-OUTPUT 6.3 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
NDS02ZG-M6 NDS03ZA NDS03ZA-M6 NDS03ZB-M6 NDS03ZE-M |
NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs NDS系列功率0W / 3.0A的直直流转换6 - 75V的输入为1.5V,在1.8V.5V.3V.0V输出 NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V / 1.8V / 2.5V / 3.3V and 5.0V Outputs NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
|
http:// POWER-ONE[Power-One]
|
WR12D15/60K WR48S15/60K WR24D12/60K WR12D12/60K WR |
50 to 60 Watt Wide input DC/DC converters 5060瓦宽输入DC / DC转换 50 to 60 Watt Wide input DC/DC converters 500瓦宽输入DC / DC转换
|
Electronic Theatre Controls, Inc.
|
719-0401-01 719-0400-01 717-0501-01 |
200mA Step-Up Converters in 6-Pin SOT23 and TDFN STECKER EINBAU XLR AUDIO SCHWARZ 4POLIG Wide-Input 0.6V Shunt Regulators for Isolated DC-DC Converters STECKER EINBAU XLR音频POLIG
|
TE Connectivity, Ltd.
|
0RHB-D0TV20 0RHB-D0T120 0RHB-D0T033 0RHB-D0TV50 07 |
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output DC-DC REG PWR SUPPLY MODULE ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output 1-OUTPUT 200 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
MHV2805SF_883 MHV2812SF_883 MHV283R3S MHV283R3SF_8 |
DC/DC CONVERTERS 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
MFW2805S MFW2805S_ES MFW2812D MFW2812D_ES MFW2812S |
DC/DC CONVERTERS 28 VOLT INPUT
|
INTERPOINT[Interpoint Corporation Company]
|
MQO |
DC/DC CONVERTERS 28 VOLT INPUT
|
Interpoint Corporation Company
|
SMSA2815D/KR SMSA2805D/KR SMSA2805S/KR SMSA2815S/K |
DC/DC CONVERTERS 28 VOLT INPUT
|
Standard Power
|