PART |
Description |
Maker |
AT49BV040- AT49LV040 AT49BV040 AT49BV-LV040 AT49BV |
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier; Package: LLP; No of Pins: 8 LM4663 Boomer ® Audio Power Amplifier Series 2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 24 512K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4549A AC '97 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound; Package: LQFP; No of Pins: 48 LM4664 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.1W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TDA204012 |
25-watt hi-fi audio power amplifier
|
STMicroelectronics
|
LY8898-13 |
3.2 Watt Audio Power Amplifier
|
Lyontek Inc.
|
LY8891-12 LY8891BL LY8891UL |
2.0 Watt Audio Power Amplifier
|
Lyontek Inc.
|
TDA2040 TDA2040H |
25-watt hi-fi audio power amplifier
|
STMicroelectronics
|
HWD2190 |
1 Watt Audio Power Amplifier
|
List of Unclassifed Manufacturers
|
SSM2211 |
Low Distortion, 1.5 Watt Audio Power Amplifier
|
Analog Devices
|
NCP4894 NCP4894FCT1 NCP4894FCT1G NCP4894DMR2 NCP48 |
1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
|
ONSEMI[ON Semiconductor]
|
NCP2991 NCP2991FCT2G |
1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
|
ON Semiconductor
|
BS616LV2019TI BS616LV2019TI-55 BS616LV2019TI-70 BS |
LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier; Package: LLP; No of Pins: 10 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier 非常低功电压CMOS SRAM28K的16 JT 128C 128#22D SKT PLUG 非常低功电压CMOS SRAM28K的16 LM4949 Stereo Class D Audio Subsystem with OCL Headphone Amplifier; Package: MICRO SMD; No of Pins: 25 LM4953 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver; Package: LLP; No of Pins: 14 Asynchronous 2M(128Kx16) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. ETC[ETC] BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
CMM1434-SM-0G0T CMM1434-SM07 |
13.50-14.50 GHz 2.5-Watt Power Amplifier 13500 MHz - 14500 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13.50-14.50 GHz 2.5-Watt Power Amplifier 13.50-14.50吉赫2.5瓦功率放大器
|
Mimix Broadband, Inc.
|