PART |
Description |
Maker |
MAX8545EUB MAX8548 MAX8548EUB MAX8545 MAX8546 MAX8 |
Low-Cost Wide Input Range Step-Down Controllers with Foldback Current Limit Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit Low-Cost. Wide Input Range. Step-Down Controllers with Foldback Current Limit Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-CFP -55 to 125 SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
D119ERW D115ERW D138ERW D128ERW D133ERW D118ERW D1 |
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
|
MicroPower Direct, LLC
|
AD8276ARZ-R7 AD8276ARZ-RL AD8276ARMZ-R7 AD8276ARMZ |
Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
|
Analog Devices
|
MC74HC58 ON1484 MC74HC58D |
2-Wide, 2-Input/2-Wide, 3-Input AND-OR Gates HC/UH SERIES, DUAL 6-INPUT AND-OR GATE, PDSO14 From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MC33181 MC33181D MC33181P MC34181 MC34184DTB MC331 |
Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers QUAD OP-AMP, 11500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers QUAD OP-AMP, 11000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 (MC34182 / MC34184) Low Power / High Slew Rate / Wide Bandwidth / JFET Input Operational Amplifiers Dual Precision Timer 14-PDIP -40 to 85 (MC33181 - MC33184) Low Power / High Slew Rate / Wide Bandwidth / JFET Input Operational Amplifiers
|
http:// Motorola Mobility Holdings, Inc. ON Semiconductor Motorola, Inc.
|
AD73311ARS AD73311ARZ AD73311LARUZ-RL7 |
Low Cost/ Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V and 5 V Front-End Processor for General Purpose Applications Including Speech and Telephony; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO20 Low Cost, Low Power CMOS General Purpose Analog Front End
|
Analog Devices, Inc.
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
AD8620 AD8610 |
Precision, Low Input Bias Current, Wide BW JFET Op Amp (Dual) Precision, Low Input Bias Current, Wide BW JFET Op Amp (Single)
|
Analog Devices
|
NCP718BSNADJT1G NCP718ASNADJT1G |
Low Iq, Wide Input Voltage Low Dropout Regulator
|
ON Semiconductor
|
AD861006 AD8610ARMZ-R2 AD8610ARMZ-REEL AD8620AR-RE |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
|
Analog Devices
|
AD8620BR AD8620AR AD8620 AD8610AR-REEL AD8610AR-RE |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
|
AD[Analog Devices]
|
|