PART |
Description |
Maker |
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
CCM-J |
Smart Card
|
ITT[ITT Industries]
|
DS8024-RRX DS8024-RJX/V |
Smart Card Interface
|
Maxim Integrated Produc...
|
73S8023C 73S8023C-IM_F 73S8023C-IMR_F 73S8023C-IM/ |
Smart Card Interface
|
Teridian Semiconductor Corporation
|
73S8014BN |
Smart Card Interface
|
MAXIM - Dallas Semiconductor
|
73S8023C-IMR/F3 |
Smart Card Interface
|
MAXIM - Dallas Semiconductor
|
L6605D L6605 |
SMART CARD INTERFACE
|
STMICROELECTRONICS[STMicroelectronics]
|
TDA8001 TDA8001A TDA8001AT TDA8001T |
Smart card interface
|
PHILIPS[Philips Semiconductors]
|
TDA8000 TDA8000T |
Smart card interface
|
NXP Semiconductors
|
DS8024 |
Smart Card Interface
|
Maxim Integrated Products
|
73S8010C-IL_F 73S8010C-IM/F 73S8010C-IL/F 73S8010C |
Smart Card Interface
|
Teridian Semiconductor Corporation
|