PART |
Description |
Maker |
G901 G901T21U G901T24U |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V 300MA LOW DROPOUT REGULATOR
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Global Mixed-mode Technology
|
SS62951D-33CSTB SS62951-33CSTB SS62951D-33CSTR SS6 |
150mA/ 300mA Low Dropout Linear Regulatror
|
Silicon Standard Corp.
|
SS6721-50GXTR SS6721-50GZTR SS6721-GXTR SS6721-GZT |
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
|
Silicon Standard Corp.
|
MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX |
Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA
Linear Regulator in µMAX Low-Dropout, 300mA Linear Regulator in ??AX Low-Dropout, 300mA Linear Regulator in μMAX Low-Dropout, 300mA Linear Regulator in MAX Low-Dropout / 300mA Linear Regulator in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
AMC8878 AMC8878-X.XDBT AMC8878-X.XDBTF AMC8879 AMC |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection LOW NOISE 150mA LOW DROPOUT REGULATOR
|
Electronic Theatre Controls, Inc. N.A. ETC List of Unclassifed Manufacturers
|
AS13611 AS1362-BTTT-26 AS1362-BTTT-285 AS1362-BTTT |
300mA 9碌Vrms, 92dB, POK; Package Type: TSOT23-6; Output Range: 2.8V 300mA 9碌Vrms, 92dB, POK; Package Type: TSOT23-6; Output Range: 2.5V 150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
|
austriamicrosystems AG ams AG
|
AMS2951ACP-25 AMS2951ACP-30 AMS2951ACP-33 AMS2951A |
3.3V 150mA low dropout voltage regulator 3.0V 150mA low dropout voltage regulator 2.5V 150mA low dropout voltage regulator 150mA LOW DROPOUT VOLTAGE REGULATOR 150mA的低压差稳压 JT 6C 6#12 PIN RECP
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
AME8750 |
Low-Dropout 150mA / 150mA Dual CMOS Regulator
|
AME
|
TK71320MTL/H20 TK71330MTL/H30 TK71340MTL/H40 TK713 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
TOKO, Inc. TOKO Inc.
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
G941T25B G941T25T G941T25U G940T22B G941T22B G940T |
3.7V 400mA Low Dropout Regulator 3.7 V, 400 mA low dropout regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Global Mixed-mode Techn... Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|