PART |
Description |
Maker |
ESDA05C-4 |
LOW CAPACITANCE TVS ARRAY 80 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
SLVDA2.8LC |
ULTRA LOW CAPACITANCE TVS ARRAY 600 W, BIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE
|
TE Connectivity, Ltd.
|
CDSOT23-T24LC CDSOT23-T36LC CDSOT23-T08LC CDSOT23- |
CDSOT23-T03LC~T36LC - Low Capacitance TVS Diode Array Series 500 W, BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
Bourns Inc. Bourns, Inc.
|
USB0405-LF-T7 USB0415-LF-T7 USB0403-LF-T7 USB0412- |
LOW CAPACITANCE TVS ARRAY 350 W, UNIDIRECTIONAL, SILICON, TVS DIODE LOW CAPACITANCE TVS ARRAY 350 W, BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
CDSC706-T15C CDSC706-T12C |
TVS Diode Array 100 W, BIDIRECTIONAL, 5 ELEMENT, SILICON, TVS DIODE
|
Bourns, Inc.
|
SMDA05C-706 SMDA12C-7.TBT SMDA05C-7.TBT SMDA15C-7. |
Bidirectional TVS Array for Protection of Seven Lines
|
Semtech Corporation
|
PSMS15C-LF-T7 PSMS24C-LF-T7 PSMS05-LF-T7 PSMS12C-L |
STANDARD CAPACITANCE TVS ARRAY 350 W, BIDIRECTIONAL, 5 ELEMENT, SILICON, TVS DIODE STANDARD CAPACITANCE TVS ARRAY 350 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
LC0406FC3.3C07 LC0406FC36C LC0406FC05C LC0406FC08C |
LOW CAPACITANCE FLIP CHIP ARRAY 200 W, BIDIRECTIONAL, 6 ELEMENT, SILICON, TVS DIODE
|
PROTEC[Protek Devices]
|
ULC0404FC12C |
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY 200 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
15FMCJ91A 15FMCJ 15FMCJ10 15FMCJ100 15FMCJ100A 15F |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 143V(min), 158V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 108V(min), 132V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 90.0V(min), 110V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 99.0V(min), 121V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 117V(min), 143V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 171V(min), 189V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 237V(min), 263V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 332V(min), 368V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 198V(min), 242V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 198V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 124V(min), 137V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 225V(min), 275V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 285V(min), 315V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 270V(min), 330V(max). For bidirectional use C or CA suffix. 10 GIG OPTIMIZED FIBER PATCH LC/LC Fiber Optic Cable Assembly; Cable Length:49.2ft; Connector Type A:ST; Connector Type B:ST FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 10M FO CERAMIC 62.5 PLENUM ST-ST CONNECTORS 5M Fiber Optic Cable Assembly; Cable Length:32.8ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Connector Type B:ST; Drop Ship:Yes 10 GIG OPTIMIZED FIBER PATCH ST/ST SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 152V(min), 168V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 380V(min), 420V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 153V(min), 187V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 180V(min), 220V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 190V(min), 210V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 360V(min), 440V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 162V(min), 179V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 144V(min), 176V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 114V(min), 126V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 105V(min), 116V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 315V(min), 385V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 95.0V(min), 105V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 135V(min), 165V(max). For bidirectional use C or CA suffix. Surface mount transient voltage suppressor (TVS). 1500W peak power, 5.0W steady state. Breakdown voltage 209V(min), 231V(max). For bidirectional use C or CA suffix.
|
RECTRON[Rectron Semiconductor]
|
41206ESDA-TR1 41206ESDA-SP1 |
SUPPRESSOR ESD 12VDC 4/1206 SMD BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE ROHS COMPLIANT PACKAGE-8
|
Cooper Bussmann, Inc.
|
|