PART |
Description |
Maker |
MMA8452Q MMA8452QR1 MMA8452QT |
3-Axis, 12-bit/8-bit Digital Accelerometer
|
Freescale Semiconductor, Inc
|
MMA8450Q MMA8450QR1 MMA8450QT |
3-Axis, 8-bit/12-bit Digital Accelerometer
|
Freescale Semiconductor, Inc
|
C14-5-20-SERIES C4-5-20-SERIES C5-1-01-SERIES C8-1 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN Decade counter/divider 4X7W OR 2X22W CAR RADIO POWER AMPLIFIER PLUS TRIPLE POWER SUPPLY Dual D type flip flop with preset and clear DUAL 2-INPUT NAND BUFFER/DRIVER MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output "nano" accelerometer LOW DROP POWER SCHOTTKY RECTIFIER QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER MEMS inertial sensor: 3-axis - ± 2g/± 6g linear accelerometer 4 bit D type latch DUAL 64-STAGE STATIC SHIFT REGISTER HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Single buffer 16-bit low voltage ROMless MCU MEMS inertial sensor: 2-axis - /- 2g/6g ultracompact linear accelerometer Turboswitch - ultra-fast high voltage diode Single inverter (open drain) DUAL MONOSTABLE MULTIVIBRATOR 14 stage binary counter Very low drop voltage regulators with inhibit and dropout control flag AC LINE SWITCH Digital temperature sensor and thermal watchdog MEMS inertial sensor: 3-axis - ± 2g/± 6g linear accelerometer 接口IC ST7262 - LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI 接口IC 8-BIT ADDRESSABLE LATCH
|
ON Semiconductor
|
ADXL346ACCZ ADXL346ACCZ-RL ADXL346ACCZ-RL7 EVAL-AD |
3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power DIgital Accelerometer 3-Axis, 卤2 g/卤4 g/卤8 g/卤16 g Ultralow Power DIgital Accelerometer 3-Axis, 隆戮2 g/隆戮4 g/隆戮8 g/隆戮16 g Ultralow Power DIgital Accelerometer
|
Analog Devices
|
LTC1272-8CCJ LTC1272-8CMJ LTC1272-5AMJ LTC1272-5AC |
Analog-to-Digital Converter12-Bit Analog-to-Digital Converter??? 12-Bit 12位模数转换器 Analog-to-Digital Converter茂录? 12-Bit
|
ADC Linear Technology, Corp.
|
AD9028TZ/883B AD9028SZ/883B AD9028SE/883B AD9028TE |
Analog-to-Digital Converter8-Bit Analog-to-Digital Converter, 8-Bit 24-Bit µPower No Latency Delta-Sigma ADC in SO-8; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器
|
Vishay Intertechnology, Inc.
|
MAX1067BCEET MAX1067 MAX1068 |
Multichannel. 14-Bit. 200ksps Analog-to-Digital Converters 多通道14位00ksps模数转换 Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
AS5147 |
14-Bit On-Axis Magnetic Rotary Position Sensor
|
austriamicrosystems AG ams AG
|
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
AS5247 |
14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
|
ams AG
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
SCA3100-D07 SCA2120-D07 |
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE 2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
|
VTI technologies
|