PART |
Description |
Maker |
MAX5971A MAX5971AETI |
Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
|
http:// Maxim Integrated Products
|
STHS4257L STHS4257L1 STHS4257A1 |
IEEE 802.3af PoE Powered Device (PD) Interface Controller with Integrated Signature Resistor(集成识别电阻的IEEE802.3af PoE PD 接口控制
|
意法半导
|
ACD82224 |
Single chip implementation of 24-port 10/100 ethernet switch system intended for IEEE 802.3 and 802.3u compatible networks.
|
Advanced Communication Devices
|
SI3460 |
IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
|
Silicon Laboratories
|
MAX5982AETE MAX5982B MAX5982C MAX5982CETE |
IEEE 802.3af/at-Compliant, Powered Device Interface
|
Maxim Integrated Products Maxim Integrated Produc...
|
MIC2358YLQYLQ MIC235811 |
IEEE 802.3af Octal Power Sourcing Equipment Controller
|
Micrel Semiconductor
|
MAX5953A MAX5953AUTM MAX5953B MAX5953BUTM MAX5953C |
IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
|
Maxim Integrated Products
|
CC2420 CC2420DK CC2420DBK CC2420/TR |
LC2MOS 5 O RON SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 2.4 GHz IEEE 802.15.4标准/ ZigBee功能的RF收发 2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee功能RF收发
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
LTC4267IGN-3TRPBF LTC4267CDHC-3 LTC4267IDHC-3 LTC4 |
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 1 A SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO16 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
FCS-1132 |
3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
|
Level One
|