PART |
Description |
Maker |
MAX11201AEUB MAX11201 MAX11201BEUB |
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
|
Maxim Integrated Products
|
KAD2708L-17 KAD2708L-21 KAD2708L-35 KAD2708L-27Q68 |
8-Bit, 350/275/210/170/105MSPS A/D Converter 8-Bit, 350MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 210MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 170MSPS Single-Channel ADC, LVDS Outputs
|
Intersil Corporation
|
AD7790B AD7790BRM AD7790BRM-REEL AD7790 AD7790BRMZ |
16-Bit, Single-Channel, Ultra Low Power, Sigma Delta A/D Converter Low Power, 16-Bit Buffered Sigma-Delta ADC
|
AD[Analog Devices]
|
ISL84781 ISL84781IV-T ISL84781IR ISL84781IR-T ISL8 |
Ultra Low ON-Resistance, Low-Voltage,
Single Supply, 8 to 1 Analog Multiplexer Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer 1-CHANNEL, SGL ENDED MULTIPLEXER, PQCC16 Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer 1-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 Ultra Low ON-Resistance, Low-Voltage, Single Supply, 8 to 1 Analog Multiplexer 超低导通电阻,低电压,单电源,8模拟多路复用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
KAD2710C KAD2710C-10Q68 KAD2710C-17Q68 KAD2710C-21 |
10-Bit, 275MSPS Single-Channel ADC, LVCMOS Outputs 10-Bit, 105MSPS Single-Channel ADC, LVCMOS Outputs 10-Bit, 275/210/170/105MSPS A/D Converter
|
Intersil Corporation
|
ULS2822J ULS2822L ULS2025L ULS2025J ULS2003J ULS20 |
Single buffer (open drain) Single 2-input open drain NAND gate ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 逻辑IC Single 2-input AND gate 单两输入与门 Single exclusive OR gate EMI FILTER WITH ESD PROTECTION - (ASD) LNB supply and control voltage regulator (parallel interface) N - channel 100 V - 0.33 " - 2 A - SOT-223 STripFET™ Power MOSFET Single 2-input OR gate Single 2-input NAND gate TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE Single bus buffer (3-state) Single inverter (open drain) Single Schmitt inverter ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
|
AM29F400BT-50FC AM29F400BT-50FI AM29F400BB-50EE AM |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF2805 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL520N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3705ZS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7492 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46ZS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3810 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2908 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1310NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2703 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ34VL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24E with Standard Packaging A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package. Recommended replacement is IRF6621; A IRF6604 with Standard Tape and Reel Quantity 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRLZ34NS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7452 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3803V with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ48NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3710ZL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRLI2203N with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3714ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ48ZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3714S with Standard Packaging 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
7700H0021 7700H0023 |
5V, SINGLE CHANNEL, 12 BIT SERIAL A/D CONVERTER, -40C to 125C, 5-SOT-23, T/R 接口IC 5V single chan 12 Bit Ser A/D Conv w/software addressble 12C ntrfc address 011. 接口IC
|
Glenair, Inc.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
|