PART |
Description |
Maker |
ADM3311E ADM3307E ADM3315E ADM3310E ADM3312E |
ADM3307E/ADM3310E-12E/3315E:15 kV ESD Protected. 2.7V to 3.6V Serial Port Transceivers with Green IdleDS (Rev.F. 8/02) 2.7V Serial Port RS-232 Transceiver (5 Drivers / 3 Receivers) with 15kV ESD (TTL & RS-232) 3-V, RS-232 Serial Port Driver-Receiver 2.7 V Serial Port RS-232 Transceiver (3 Drivers / 5 Receivers) with 15kV ESD 2.7V Serial Port RS-232 Transceiver (3 Drivers / 3 Receivers) with 15kV ESD
|
Analog Devices
|
UT3222G-P20-R UT3222L-P20-T UT3222L-P20-R UT3222G- |
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH ±15kV ESD PROTECTION
|
Unisonic Technologies
|
ST207E ST207EB ST207EBD ST207EBDR ST207EBPR ST207E |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HIN202E HIN206E HIN207E HIN208E HIN211E HIN213E HI |
RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=8mA RS-232 Transceiver, 4T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 5T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/4R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000) , 0.1F Capacitors, Two Active Receivers in Shutdown Mode RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=5mA
|
Intersil
|
SP3203ECY_TR SP3203E_05 SP3203E SP3203ECY SP3203EE |
DUAL LINE TRANSCEIVER, PDSO20 3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
|
SIPEX[Sipex Corporation]
|
MAX3160ECAP MAX3160EEAP MAX3161EEAG MAX3162EEAI MA |
卤5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers 5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Octal LVDS Receiver 38-TSSOP -40 to 85
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
SP3203EEY-L/TR SP3203ECY-L |
DUAL LINE TRANSCEIVER, PDSO20 LEAD FREE, TSSOP-20 3V RS-232 Serial Transceiver with Logic Selector and 15kV ESD Protection
|
Exar, Corp. Exar Corporation
|
ESDA6V1-5P6 DSDA6V1-5P6 |
TRANSIL ARRAY FOR ESD PROTECTION TRANSIL⑩ ARRAY FOR ESD PROTECTION TRANSIL ARRAY FOR ESD PROTECTION TRANSILARRAY FOR ESD PROTECTION SUPPORT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX3228E-MAX3229E |
±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP 【15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
ESD8472MUT5G |
Ultra-Low Capacitance RF ESD Protection Micro.Packaged Diodes for ESD Protection
|
ON Semiconductor
|
MAX3232E MAX3222 MAX3241E MAX3246 MAX3222E MAX3222 |
Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP ±15kV ESD保护、电流低0nA.0V.5V供电、速率高达1Mbps的真RS-232收发 DIODE SWITCHING SINGLE 250V 200mA-Io 250mW 50ns-trr SOD-123 3K/REEL 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / Down to 10nA / 3.0V to 5.5V / Up to 1Mbps / True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products, Inc.
|
HIN236E HIN237E |
RS-232 Transceiver, 4T/3R, 5V, 230kbps, 15KV ESD, 1.0F Capacitors RS-232 Transceiver, 5T/3R, 5V and 12V, 230kbps, 15KV ESD RS-232 Transceiver, 4T/3R, 5V, 120kbps, 1.0F Capacitors, Manual Shutdown RS-232 Transceiver, 5T/3R, 5V, 120kbps, 1.0F Capacitors
|
Intersil
|
|