PART |
Description |
Maker |
DNF18-250M-C DNF14-250M-C DNF10-250M-D DNF10-250M |
NYLON INSULATED MALE DISCONNECT FUNNELED WIRE ENTRY .250 X .032 (6.35 X 0.81) MALE TAB
|
PANDUIT CORP.
|
450-3358 |
Nylon Insulated thread mount socket
|
CAMBION Electronic
|
19202-0013 19202-0031 19202-0049 64001-5000 64001- |
Nylon Insulated Butt Splice Solderless Terminals
|
MolexKits
|
RC1113 RC1124 RC1163 RC1123 RC1153 RC1154 RC10-10F |
Nylon-Insulated Fork Terminals Nylon-Insulated Fork Terminals
|
List of Unclassifed Manufac... List of Unclassifed Man...
|
39-01-2241 |
Header; No. of Contacts:24; Pitch Spacing:0.165"; No. of Rows:2; Gender:Male; Series:Mini-Fit Jr. 5559; Body Material:Nylon 6/6 RoHS Compliant: Yes 24 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
0850830300 |
4.00mm (0.157") SRC Housing, Male, 84 Pin Power, Nylon, Black
|
Molex Electronics Ltd.
|
39-01-4037 39-01-4032 |
Multipole Connector; Gender:Male; No. of Contacts:3; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.165" RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Header Connector,Cable Mnt,PLUG,3 Contacts,SKT,0.165 Pitch,POLARIZED LCK 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
72910 |
IEC Insulated BNC (M) to 2 male banana 4 mm plugs
|
Pomona Electronics
|
PE9916 |
BREAKOUT, BNC MALE TO INSULATED SPADE LUGS
|
Pasternack Enterprises, Inc.
|
39861-0505 39860-0712 39860-0509 39860-0708 39860- |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
Molex, Inc. MOLEX INC
|
|