PART |
Description |
Maker |
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
S7AH-07C S7AH-07C090 |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A 非隔离式DC / DC转换.3V输入/0.9V - 2.5V输出/ 7A NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A 1-OUTPUT 6.3 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
NMV0515S NMV1215SA NMV0505D NMV0505DA NMV0505S NMV |
3kVDC Isolated 1W Single & Dual Output DC-DC Converters 3kVDC隔离1W的单 3kVDC Isolated 1W Single & Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies] http://
|
SRAH-01CX20 VRAH-01CX20 SRAH-01CX50 V7AH-01CX20 |
NON-ISOLATED DC/DC CONVERTERS 3 V-3.6 V Input 12 V/0.8 A & 15 V/0.6 A Output 1-OUTPUT 9.6 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc. Bel Fuse, Inc.
|
0RHB-D0TV20 0RHB-D0T120 0RHB-D0T033 0RHB-D0TV50 07 |
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output DC-DC REG PWR SUPPLY MODULE ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output 1-OUTPUT 200 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
NMH4815S NMH1205S NMH0505S NMH05055 NMH0512S NMH05 |
Isolated 2W Dual Output DC-DC Converters 2-OUTPUT 2 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|
V7PF-15B1AC |
NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output 1-OUTPUT 49.5 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
S7DB-12B250 |
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A 1-OUTPUT 30 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
NDL2405S NDL0505S NDL0509S NDL0512S NDL0515S NDL24 |
Isolated 2W Wide Input Single Output DC-DC Converters 1-OUTPUT 2 W DC-DC REG PWR SUPPLY MODULE
|
CANDD[C&D Technologies] http://
|
XRAH-10J07 XRAH-10J SRAH-10J100 SRAH-10J120 SRAH-1 |
NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A 1-OUTPUT 12 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.5 V Input 0.9 V-1.65 V/10 A Output 1-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|