PART |
Description |
Maker |
BT136M-500D BT136M-600D BT136S-500D BT136S-600D BT |
8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs logic level
|
NXP Semiconductors N.V. Philips Semiconductors
|
BT136-500D BT136-600D BT136SERIESD |
Triacs logic level 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V. Philips Semiconductors
|
T1210T-6I |
Entry level Snubberless? logic level and standard 12 A TRIACs
|
STMicroelectronics
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT1308W-400D BT1308W-600D |
Triacs logic level
|
NXP Semiconductors
|
BT1308W |
Triacs logic level
|
NXP Semiconductors
|
BT131 |
TRIACS LOGIC LEVEL
|
Unisonic Technologies
|
BT137S-600D |
Triacs logic level
|
PHILIPS[Philips Semiconductors]
|
BT1308-400D BT1308-600D |
Triacs logic level 4Q Triac
|
NXP Semiconductors N.V.
|
T16-G |
16A Triacs logic level
|
Suntac Electronic Corp.
|