PART |
Description |
Maker |
ATXMEGA32D4 ATXMEGA32D4-AU ATXMEGA32D4-CU ATXMEGA3 |
8/16-bit AVR XMEGA D4 Microcontroller 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44
|
ATMEL Corporation
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
ATXMEGA128A40808 |
8/16-bit XMEGA A1 Microcontroller
|
ATMEL Corporation
|
ATXMEGA192D3 ATXMEGA128D3 ATXMEGA64D3 |
8/16-bit XMEGA D3 Microcontroller
|
http:// ATMEL Corporation
|
ATXMEGA128A4-MH ATXMEGA128A409 ATXMEGA16A4-CU ATXM |
8/16-bit XMEGA A4 Microcontroller
|
ATMEL Corporation
|
ATXMEGA128D3 ATXMEGA256D3 |
8/16-bit XMEGA D3 Microcontroller
|
ATMEL
|
ATXMEGA256A3B-MH ATXMEGA256A3B09 ATXMEGA256A3B-AU |
8/16-bit XMEGA A3B Microcontroller
|
ATMEL Corporation http://
|
ATXMEGA256A3B ATXMEGA256A3B-AU ATXMEGA256A3B-MU |
8/16-bit XMEGA A3B Microcontroller
|
ATMEL Corporation
|
ATXMEGA256A3B10 |
8/16-bit XMEGA A3B Microcontroller
|
ATMEL Corporation
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
ATMELCORP-ATTINY24A-SSN AT90CAN128-16MN AT32UC3A32 |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC64 32-bit AVR Microcontroller, Audio version, 256KB Flash, 144-pin, SD/SDIO Card 32-bit AVR Microcontroller, 64KB Flash, 100-pin, SD/SDIO Card, AES Crypto Module
|
ATMEL CORP Atmel, Corp.
|
ATMEGA8535 ATMEGA8535-16AC ATMEGA8535-16AI ATMEGA8 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44 Multi-Color LED; LED Color:Green; Luminous Intensity:10ucd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-55 C to C; Color:Green; Input Current:20mA; Leaded Process Compatible:No RoHS Compliant: No 8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
|