PART |
Description |
Maker |
BWR-12/125-D12 BWR-12/125-D48 BWR-5/250-D48 BWR-15 |
Rad-hard hex buffer/converter Rad-hard triple 3-input NOR gate Rad-hard quad D-type flip flop with clear Rad-hard 4 bit synchronous up/down counters 型DC - DC电压转换
|
Ohmite Mfg. Co.
|
ATC18RHA |
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
|
ATMEL Corporation
|
CD4073BMS CD4082BMS CD4081BMS FN3324 |
AND-Gate, 3-Input, Triple, Rad-Hard, CMOS, Logic CMOS AND Gate From old datasheet system AND-Gate, 2-Input, Quad, Rad-Hard, CMOS, Logic
|
Intersil Corporation
|
M65609ENBSP M65609E MMDJ-65609EV-40 MMDJ-65609EV-4 |
Rad Hard 3.3 Volt 128Kx8 Very Low Power CMOS SRAM From old datasheet system Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
|
ATMEL Corporation
|
HS-0549RH HS-0548RH HS-548RH HS-549RH HS-0548RH-01 |
Analog Multiplexers, Differential 4 Channel CMOS, Active Overvoltage Protection, Rad-Hard Analog Multiplexers, Single 8 Channel CMOS, Active Overvoltage Protection, Rad-Hard Analog Multiplexer, Single 8-Channel, CMOS, Over Voltage Protection, Rad-Hard Analog Multiplexer, Differential 4-Channel, CMOS, Over Voltage Protection, Rad-Hard Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
|
Intersil Corporation
|
HS0-1840ARH-Q 5962F9563002VXC 5962F9563002V9A 5962 |
Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDFP28 Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection 抗辐6通道CMOS模拟多路复用器与模拟输入保护
|
Intersil, Corp. Intersil Corporation
|
54ACT151 54AC14 |
Rad-hard advanced high-speed 5 V CMOS logic series
|
STMicroelectronics
|
MM0-65609EV-40SV M65609E07 MM0-65609EV-40-E MMDJ-6 |
Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
|
ATMEL Corporation
|
PE9301ES 9301-00 9301-01 9301-11 PE9301 PE9301-EK |
3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
ACS630MS |
EDAC, Error Detection and Correction Circuit, Rad-Hard, Advanced Logic, CMOS
|
Intersil
|
RHFL7913A11 RHFL7913KPA-02V |
Rad-Hard 2.0A adjustable negative Vreg Rad-hard adjustable negative voltage regulator
|
ST Microelectronics STMicroelectronics
|
BWR12/335D5 BWR15/330D48 |
Rad-hard dual 4-input AND gate Rad-hard quad 2-input OR gate 模拟IC
|
TE Connectivity, Ltd.
|