PART |
Description |
Maker |
LTC4214-2CMS LTC4214-1CMS LTABH LTABJ LTABK LTABL |
Negative Low Voltage
Hot Swap Controllers From old datasheet system Negative Low Voltage Hot Swap Controllers
|
Linear Technology LINER
|
SC425005 SC4250LISTRT |
Negative Voltage Hot Swap Controller
|
Semtech Corporation
|
SC4250 SC4250HISTR SC4250HISTRT SC4250LISTR SC4250 |
Negative Voltage Hot Swap Controller
|
SEMTECH[Semtech Corporation]
|
MC34653EF_R2 MCZ34653EF_R2 34653 |
1.0 A Negative Voltage Hot Swap Controller
|
FREESCALE[Freescale Semiconductor, Inc]
|
SC4150HIS-4TRT SC4150LIS-4TRT SC4150LISTRT |
Negative Voltage Hot Swap Controller 负电压热插拔控制
|
Semtech, Corp.
|
34652 |
2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
|
飞思卡尔半导体(中国)有限公司
|
LT1640 LT1640H LT1640HCN8 LT1640HCS8 LT1640HIN8 LT |
Negative Voltage Hot Swap Controller 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT4250 4250LHI |
Negative 48V Hot Swap Controller From old datasheet system
|
Linear
|
X221 X251 X252 X222 X242 X253-883B X211 X211-883B |
X200 Series CMOS ; Output Voltage Max:280Vrms; Load Current Max:6A; Switching:Zero Cross RoHS Compliant: Yes Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:90A; Switching:Random; Leaded Process Compatible:Yes RoHS Compliant: Yes Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low X200 SERIES (CMOS) STANDARD SPECFITIONS X200系列(CMOS)技术标准SPECFITIONS
|
List of Unclassifed Man... List of Unclassifed Manufacturers N.A. ETC[ETC] Electronic Theatre Controls, Inc. Xsis Electronics
|
BS62LV1028 BS62LV1028TI BS62LV1028DC BS62LV1028DI |
Very Low Power/Voltage CMOS SRAM 128K X 8 bit Asynchronous 1M(128Kx8) bits Static RAM LM5068 Negative Voltage Hot Swap Controller; Package: MINI SOIC; No of Pins: 8 LM5041 Cascaded PWM Controller; Package: LLP; No of Pins: 16
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
SG120 SG120A-8T_883B SG120-12IG SG120-12IG_883B SG |
Negative Fixed Linear Voltage Regulators BOX 4.94X2.75X1.275 AA W/CLP ALMOND NEGATIVE FIXED VOLTAGE REGULATOR 8 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 20 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MSFM3 HIGH SURGE CARBON COMP REPLACEMENT RESISTOR , 1K, 5% 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBCY3
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|