PART |
Description |
Maker |
88741-8800 |
Wire-To-Board Connector; Convert From:DVI-Digital Plug; Convert To:DFP Receptacle 24-20 CONTACT(S), CABLE MOUNT, MALE-FEMALE, RECTANGULAR ADAPTER
|
Molex, Inc.
|
XQV1000 XQC100-4CG560M XQC1000-4CG560M XQC300-4CG5 |
QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NNA. QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 1536 CLBS, 322970 GATES, PBGA352 QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 661111 GATES, PBGA432 QPro Virtex 2.5V QML High-Reliability FPGAs QPro的Virtex 2.5V的QML第高可靠性的FPGA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957301NUA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NUA.
|
Xilinx, Inc.
|
BR93L46RF-LE2 BR93L46RFV-WE2 BR93L46RFJ-WE2 BR93L4 |
High Reliability Serial EEPROMs High Reliability Series High Reliability Serial EEPROMs High Reliability Series
|
Rohm
|
AFL12008SX AFL27005SYES AFL27005SWES AFL27005SWHB |
1-OUTPUT 80 W DC-DC REG PWR SUPPLY MODULE HYBRID-HIGH RELIABILITY DC/DC CONVERTER HYBRID-HIGH RELIABILITY DC/DC CONVERTER
|
International Rectifier
|
3KASMC10AHE3/57T 3KASMC10AHE3/9AT 3KASMC36A 3KASMC |
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) 表面贴装汽车瞬态电压抑制器(高温度稳定
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
BR24T1MNUXWGE2 BR24T1MNUXWGTR BR24T32FJWGE2 BR24T3 |
High Reliability Serial EEPROMs Other devices than EEPROM can be connected to the same port, saving microcontroller port High Reliability Serial EEPROMs
|
Rohm
|
KSC5027 C5027 KSC5027N KSC5027O KSC5027R |
High Voltage and High Reliability 3 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BR25H020-W BR25H020-WE2 BR25H010F-WE2 BR25H010FJ-W |
HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40∑C ~ 125∑C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40°C ~ 125°C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40掳C ~ 125掳C type HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40隆?C ~ 125隆?C type
|
Rohm
|
GD751SD |
The GD751SD is designed for high speed switching for detection and high reliability.
|
E-Tech Electronics LTD
|
RBE2EA20ATR |
High Efficiency , High Reliability Type Schottky Barrier Diode
|
ROHM
|
KT7050 |
High stability and high reliability 2.7 to 5.5V drive available Low phases noise
|
Kyocera Kinseki Corpotation
|