PART |
Description |
Maker |
DF11-10DEP-2C DF11-8DS-2V DF11-10DEP-2A DF11-10DEP |
2mm Double-Row Connector (Product Compliant to UL/CSA Standard) INDUCTOR, 3.3UH 2.64A CAB 27C 27#12 PIN RECP OPTOISO 400VDRM TRIAC OUT SMD OPTOISO 400VDRM TRIAC OUT 6-DIP 2mm Double-Row Connector (Product Compliant to UL/CSA Standard) 2mm的双排连接器(产品符合UL / CSA标准
|
HIROSE[Hirose Electric] http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
832-90-002-10-001000 832-40-002-10-001000 832-40-1 |
INTERCONNECTS 2mm Grid Headers and Sockets Single and Double Row
|
Mill-Max Mfg. Corp.
|
852-90-016-20-002 852-90-016-20-001 854-90-016-20- |
PCB connectors 1.27 mm Single row / double row / triple row Solder tail
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
87758-3217 87758-0616 87758-5017 87758-1817 87758- |
2mm MGrid VHdr .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2mm; Number of Rows:2; Series:87758; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid VHdr .76AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid VHdr .76AuLF 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2X1 M STR AU 2MMLS 0W 4MMH 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 2MM VERT GOLD
|
Molex, Inc. MOLEX INC
|
832-10-016-20-001 832-10-016-10-001 832-90-016-20- |
PCB connectors 2.0 mm Single row / double row Solder tail
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
803-91-016-40-001 801-91-016-40-001 801-91-016-40- |
PCB connectors 2.54 mm Single row / double row / surface mount 电路板连接器2.54毫米单列/双列/表面贴装
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
315-91-116 315-93-116 315-99-116 415-99-216-41-001 |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
446-99-208-41-036 346-91-108-41-035 346-91-108-41- |
PCB connectors 2.54 mm Single row / Double row Press-fit 电路板连接器2.54毫米单列/双列 OSC 5V SMT PLAS 14X9 CMOS
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|