PART |
Description |
Maker |
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MAC212-10-A16A MAC212-8-N MAC212-4-N |
800 V, 12 A, TRIAC, TO-220AB 600 V, 12 A, TRIAC, TO-220AB 200 V, 12 A, TRIAC, TO-220AB
|
MOTOROLA INC
|
MAC320-10 MAC320-4 MAC320-6 MAC320-8 MAC320A10 MAC |
TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 200 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 600 V, 20 A, TRIAC, TO-220AB RF/Coaxial Connector; RF Coax Type:MMCX; Impedance:50ohm; Body Style:Straight Plug; Frequency Max:6GHz; Mounting Type:Edge Card; Voltage Rating:170V RoHS Compliant: Yes 800 V, 20 A, TRIAC, TO-220AB TRIACs 20 AMPERES RMS 200 thru 800 VOLTS 800 V, 20 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
2N6344A-UA 2N6347A-A |
600 V, 12 A, TRIAC, TO-220AB 400 V, 12 A, TRIAC, TO-220AB
|
MOTOROLA INC
|
CHTB12-600 |
TRIAC ALTERNIST 12A 600V TO220AB 600 V, 12 A, ALTERNISTOR TRIAC, TO-220AB
|
Crydom, Inc.
|
CQ220-12NFP |
12 AMP TRIAC 600 THRU 800 VOLTS 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp.
|
BTB24-600BW/F5 |
600 V, 25 A, SNUBBERLESS TRIAC, TO-220AB
|
STMICROELECTRONICS
|
T2035H-600IRG |
600 V, 20 A, SNUBBERLESS TRIAC, TO-220AB
|
STMICROELECTRONICS
|
CQ202-4M-2 CQ202-4D-2 CQ202-4N-2 |
4.0 AMP TRIAC 600 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
BCR2PM-12RA-A8 |
600 V, 2 A, TRIAC, TO-220AB TO-220F, 3 PIN
|
Vishay Intertechnology, Inc.
|
MAC12HCMG |
Triacs Silicon Bidirectional Thyristors 600 V, 12 A, TRIAC, TO-220AB
|
ON Semiconductor
|
MAC228A10 MAC228-10 MAC228-4 MAC228A4 MAC228-6 MAC |
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS 600 V, 8 A, TRIAC, TO-220AB
|
MOTOROLA INC Motorola, Inc ICE Components, Inc.
|
|