PART |
Description |
Maker |
A-USB-4-R |
USB Adapter -A TYPE FEMALE
|
Assmann Electronics Inc.
|
A-USB-2-R |
USB ADAPTER - A TYPE FEMALE
|
Assmann Electronics Inc.
|
070454FR025S316ZU 070454FR025S116ZU 070454FR025S21 |
D-USB CONNECTOR FEMALE DIP TYPE
|
SUYIN USA, INC.
|
070207FR015S120CA 070207FR015S520CA 070207FR015S62 |
15 PIN D-SUB CONNECTOR FEMALE R/A TYPE
|
SUYIN USA, INC.
|
070922FR015S101CY 070922FR015S201CY 070922FR015S30 |
15 PIN D-SUB CONNECTOR FEMALE R/A TYPE LOW PROFILE
|
SUYIN USA, INC.
|
632905731122 |
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
|
List of Unclassifed Man...
|
AN78L05 AN78L05M AN78L07 AN78L07M AN78L06M AN78L06 |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator AB 6C 2#8,4#16 SKT RECP Circular Connector Shell; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3100; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Gender:Male-Female Adapter 2.5GHz 45dB RF-Detecting Controllers 4 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 12 V FIXED POSITIVE REGULATOR, PSSO3 3-pin positive output voltage regulator (100 mA type) 20 V FIXED POSITIVE REGULATOR, PBCY3 3-pin positive output voltage regulator (100 mA type) 18 V FIXED POSITIVE REGULATOR, PSSO3
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation Panasonic, Corp.
|
896-46-009-90 |
USB Socket Type A USB 3.0 Single Row Through Hole
|
Mill-Max Mfg. Corp.
|