PART |
Description |
Maker |
0430310001 43031-0001 |
Micro-Fit 3.0 Crimp Terminal, Male, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel Micro-Fit 3.0垄芒 Crimp Terminal, Male, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel
|
Molex Electronics Ltd.
|
0430300001 43030-0001 |
Micro-Fit 3.0 Crimp Terminal, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel Micro-Fit 3.0垄芒 Crimp Terminal, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel
|
Molex Electronics Ltd.
|
0430310002 43031-0002 |
Micro-Fit 3.0?/a> Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Reel Micro-Fit 3.0 Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Reel Micro-Fit 3.0垄芒 Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Reel
|
Molex Electronics Ltd.
|
0430310008 43031-0008 |
Micro-Fit 3.0 Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag Micro-Fit 3.0垄芒 Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag
|
Molex Electronics Ltd.
|
0430300007 43030-0007 |
Micro-Fit 3.0 Crimp Terminal, Female, with Tin (Sn) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag Micro-Fit 3.0垄芒 Crimp Terminal, Female, with Tin (Sn) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag
|
Molex Electronics Ltd.
|
0430310007 43031-0007 |
Micro-Fit 3.0 Crimp Terminal, Male, with Tin (Sn) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag Micro-Fit 3.0垄芒 Crimp Terminal, Male, with Tin (Sn) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag
|
Molex Electronics Ltd.
|
1451320300 |
Micro-Fit TPA-to-Micro-Fit TPA Off-the-Shelf (OTS) Cable Assembly, Single Row,75.00mm Length, 3 Circuits, Black
|
Molex Electronics Ltd.
|
43645-0700 43645-1200 43645-0900 43645-1000 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:12; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:9; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
46235-5001 |
Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with 0.38μm (15μ) Selective Gold (Au) over Nickel (Ni), 20-24 AWG, with Lubricant
|
Molex Electronics Ltd.
|
0447641002 |
3.00mm (.118") Pitch Micro-Fit 3.0, BMI Receptacle Header, Dual Row, Right Angle, with Press-fit Plastic
|
Molex Electronics Ltd.
|
0436500521 |
3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Vertical, with Press-fit
|
Molex Electronics Ltd.
|
|