PART |
Description |
Maker |
CEN-U01BA CEN-U51BA CEN-U95 2N6548 2N6549 2N6552 2 |
Leaded Power Transistor Darlington Leaded Power Transistor General Purpose Power Transistors POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-202 Power Transistors 2 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-202
|
http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N3772 2N3771 ON0041 |
POWER TRANSISTORS (NPN SILICON) From old datasheet system HLlgh Power NPN Slllcon Power Translstors
|
ONSEMI[ON Semiconductor]
|
FMMTA06 |
NPN Med Power Transistor NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
|
ZETEX[Zetex Semiconductors]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJ10005 ON1967 |
NPN SILICON POWER DARLINGTON TRANSISTORS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS From old datasheet system
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc
|
2SD1760TLP 2SD1760TLQ 2SD1760TLR 2SD1760 2SD1864 |
TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 3A I(C) | SC-63 Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
ROHM
|
SST2222A UMT2222A MMST2222A PN2222A |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN Medium Power Transistor (Switching)
|
ROHM[Rohm]
|
2N6497 2N6498 |
POWER TRANSISTORS NPN SILICON High Voltage NPN Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
BUX48A BUV48A BUV48AFI BUX48 |
HIGH POWER NPN SILICON TRANSISTORS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated HIGH POWER NPN SILICON TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
2N2151 JANTX2N2151 JAN2N2151 |
NPN Transistor 5 Amp, 100V, Planar, NPN Power Transistors JAN, JANTX
|
Microsemi Corporation
|