PART |
Description |
Maker |
2SC1413 2N6371HV 2N6371 2SC1413A 2SC1454 2N3055 2N |
TO-3 Power Package Transistors (NPN) 3功率封装晶体管(NPN)的 TO-3 Power Package Transistors (NPN) 功率封装晶体管(NPN)的
|
ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Unknow
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MJE13002 MJE13003 |
1.400W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 1.500A Ic, 8 - 40 hFE. NPN EPITAXIAL SILICON POWER TRANSISTORS
|
Continental Device India Limited
|
TX14-80R-6ST-MH1 TX14-120R-6ST-MH1 TX14-70R-6ST-MH |
Small signal NPN transistor RECEPTACLE 1.27MM 120 WAY Complementary silicon power transistors RECEPTACLE 1.27MM 30 WAY RECEPTACLE 1.27MM 40 WAY RECEPTACLE 1.27MM 50 WAY NPN Darlington power module PLUG R/A 1.27MM 40 WAY RECEPTACLE R/A 1.27MM 40 WAY PLUG 1.27MM 40 WAY Complementary power transistors RECEPTACLE R/A 1.27MM 50 WAY RECEPTACLE R/A 1.27MM 30 WAY 插座1.27MM 30未来 道路40插座1.27MM LOW VOLTAGE NPN POWER TRANSISTOR 插头1.27MM 100未来
|
Bourns, Inc.
|
2SC3153 2SC3153M |
TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 6A I(C) | TO-247VAR 晶体管|晶体管|叩| 800V的五(巴西)总裁| 6A条一(c)|47VAR POWER TRANSISTORS(6A/800V/100W) POWER TRANSISTORS(6A,800V,100W) POWER TRANSISTORS(6A800V100W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
FMMTA06 |
NPN Med Power Transistor NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
|
ZETEX[Zetex Semiconductors]
|
SST2222A UMT2222A MMST2222A PN2222A |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN Medium Power Transistor (Switching)
|
ROHM[Rohm]
|
BD743 BD743A BD743B BD743C D743 |
NPN SILICON POWER TRANSISTORS 15 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-220
|
Power Innovations International, Inc. POINN[Power Innovations Ltd] Power Innovations Limited
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|