PART |
Description |
Maker |
SHA1144 |
High Resolution 14-Bit Sample and Hold Amplifier
|
Intronics Power, Inc.
|
LTC2444 LTC2444CUHF LTC2449CUHF LTC2449IUHF LTC244 |
24-Bit High Speed 8-/16-Channel Delta Sigma ADCs with Selectable Speed/Resolution 24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
|
LINER[Linear Technology] http://
|
ADADC71KD ADADC72BD ADADC71JD |
Complete High Resolution 16-Bit A/D Converters
|
Analog Devices
|
AD9260 AD9260AS AD9260EB |
High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
|
Analog Devices, Inc.
|
CXA1779 CXA1779P |
Predriver for High Resolution Computer Displays Predriver for High Resolution Computer Displays Predriver for High Resolution Computer Display(用于高精度计算机显示的前置驱动器) 预驱动高分辨率的电脑显示器(用于高精度计算机显示的前置驱动器
|
SONY[Sony Corporation] Sony, Corp.
|
2SC5411 E008035 |
From old datasheet system HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
|
Toshiba Semiconductor
|
LTC2444LTC2445LTC2448 |
24-Bit High Speed 8-/16-Channel Delta Sigma ADCs with Selectable Speed/Resolution
|
linear
|
2SC5717 |
Transistor Silicon NPN Triple Diffused Mesa Type Horizontal Deflection Output for Super High Resolution Display, Color TV, Digital TV. High Speed Switching Applications. Horizontal Deflection Output for Super High Resolution Display, Color TV, Digital TV. High Speed Switching Applications. Horizontal Deflection Output for Super High Resolution Display/ Color TV/ Digital TV. High Speed Switching Applications.
|
TOSHIBA[Toshiba Semiconductor]
|
2SD249807 D2498 2SD2498 |
HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
|
TOSHIBA[Toshiba Semiconductor]
|
MCP3021 MCP3021A7T-E_OT MCP3021A0T-E_OT MCP3021A1T |
The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 package, this device provides one, single-ended input with very low power consumption. Based on an advanced C The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 ... Low Power 10-Bit A/D Converter With I2C⑩ Interface
|
MICROCHIP[Microchip Technology]
|
5TUZ47 E001797 |
RECTIFIER SILICON DIFFUSED TYPE HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV (DAMPER-diode) SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV) From old datasheet system SILICON DIFFUSED TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY/ COLOR TV)
|
TOSHIBA[Toshiba Semiconductor]
|